Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 53 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 53 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 49Page - Sumida Corporation SCR1021 Datasheet HTML 50Page - Sumida Corporation SCR1021 Datasheet HTML 51Page - Sumida Corporation SCR1021 Datasheet HTML 52Page - Sumida Corporation SCR1021 Datasheet HTML 53Page - Sumida Corporation SCR1021 Datasheet HTML 54Page - Sumida Corporation SCR1021 Datasheet HTML 55Page - Sumida Corporation SCR1021 Datasheet HTML 56Page - Sumida Corporation SCR1021 Datasheet HTML 57Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 156 page
background image
53
1. Switching regulator
2. Portable equipment
1. Switching regulator
2. Portable equipment
SEE-16
Application
: Max. 300kHz
: 4.0W (100kHz), 12.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
EI-191
Application
: Max. 300kHz
: 8.7W (100kHz), 20.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
4-3.3
4.0
Max. 16.0
Max. 17.0
3.5
6.0
5.0
Max. 18.0
Max. 15.5
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Application
1. AC/DC adapter
: Max. 500kHz
: 10.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
EEH1713
PROVISIONAL
Max. 17.5
Max. 13.5
3.5
13.0
3.25
Min 0.4
Min 0.4
Min
3.9
DIMENSIONS (mm)
CONSTRUCTION
About EEH1713
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
EI-16
Application
1. Switching regulator
2. Portable equipment
: Max. 300kHz
: 6.0W (100kHz), 14.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
Max. 17.0
3.5
3.5
3.5
3.5 3.5
4.5
Max. 16.5
DIMENSIONS (mm)
CONSTRUCTION
EE1616B
Application
1. Switching regulator
2. Transformer for heat regulator
3. AC/DC adapter
: Max. 300kHz
: 12.0W (300kHz)
Operating Freq
Max. Operating Power
Specifications
DIMENSIONS (mm)
CONSTRUCTION
NEW
Max. 17.5
Max.16.4
4.0
11.0
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com