Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 59 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 59 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 55Page - Sumida Corporation SCR1021 Datasheet HTML 56Page - Sumida Corporation SCR1021 Datasheet HTML 57Page - Sumida Corporation SCR1021 Datasheet HTML 58Page - Sumida Corporation SCR1021 Datasheet HTML 59Page - Sumida Corporation SCR1021 Datasheet HTML 60Page - Sumida Corporation SCR1021 Datasheet HTML 61Page - Sumida Corporation SCR1021 Datasheet HTML 62Page - Sumida Corporation SCR1021 Datasheet HTML 63Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 156 page
background image
59
EI2523/EW
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
Max. 22.0
Max. 23.0
4.5
15.0
Application
Specifications
EI1926/EW
DIMENSIONS (mm)
CONSTRUCTION
Application
Specifications
EEH2220/EW
DIMENSIONS (mm)
CONSTRUCTION
Max. 18.0
Max. 26.5
3.5
12.0
Max. 24.5
Max. 20.0
4.5
15.0
磁気構造図
外形寸法図
磁気構造図
外形寸法図
1. Switching regulator
: 6.5W(100kHz)
Max. Operating Power
1. Switching regulator
: 10.5W(100kHz)
Max. Operating Power
Application
Specifications
1. Switching regulator
: 13W(100kHz)
Max. Operating Power
EI2824/EW
EE2828/EW
Application
Specifications
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
Max. 26.5
Max. 24.0
3.5
17.5
Max. 28.0
4.5
Max. 25.0
18.0
Application
Specifications
1. Switching regulator
: 27W(100kHz)
Max. Operating Power
1. Switching regulator
: 31W(100kHz)
Max. Operating Power
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
DIMENSIONS (mm)
外形寸法図
CONSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com