Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 85 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 85 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 81Page - Sumida Corporation SCR1021 Datasheet HTML 82Page - Sumida Corporation SCR1021 Datasheet HTML 83Page - Sumida Corporation SCR1021 Datasheet HTML 84Page - Sumida Corporation SCR1021 Datasheet HTML 85Page - Sumida Corporation SCR1021 Datasheet HTML 86Page - Sumida Corporation SCR1021 Datasheet HTML 87Page - Sumida Corporation SCR1021 Datasheet HTML 88Page - Sumida Corporation SCR1021 Datasheet HTML 89Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 156 page
background image
85
EMC < Common Mode Choke Coils for DC Lines (correspond 125˚C) >
Impedance Characteristics
CPFC86
Specifications
9.7m
Ω
CPFC86
5.0A
Parts No.
D.C.R.
@20
°C
1000(Typ.)/Min. 600
Ω
Impedance
@100MHz (Typ.)
Rated
current
Application
1. CANBUS,AV,OA equipment.
2. Suitable for DC common mode.
Features
1. Common mode choke coil for automobile (up to 125˚C).
2. Size 9.1
×10.0×height 6.6mm (Max.)
3. Correspond RoHS directives.
DIMENSIONS (mm)
Schematics
Recommended land patterns(mm)
1
10
100
1k
10k
1M
10M
100M
1G
FREQUENCY (Hz)
Common mode
Normal mode
Max. 9.1
Max. 6.6
Max. 8.9
9.7
3.3
3.6
1
2
S
S
4
3
CPFC74B
Impedance Characteristics
Specifications
Application
1. CANBUS,AV,OA equipment.
2. Suitable for DC common mode.
Features
Max. 16m
Ω
Max. 20m
Ω
CPFC74BNP-851
CPFC74BNP-102
3.5A
2.5A
Parts No.
D.C.R.
@20
°C
850(Typ.)/Min. 510
Ω
1000(Typ.)/Min. 600
Ω
Impedance
@100MHz
Rated
current
1. Common mode choke coil for automobile (up to 125˚C).
2. Size 7.5
×7.5×height 5.3mm (Max.)
3. Correspond RoHS directives.
Max. 7.5
Max. 5.3
7.0
±0.2
(6.4)
(3.2)
8.0
2.6
1
10
100
1k
10k
1M
10M
100M
1G
FREQUENCY (Hz)
102 Common mode
102 Normal mode
851 Normal mode
851 Common mode
DIMENSIONS (mm)
Schematics
Recommended land patterns(mm)
S 2
S 1
3
4
外形寸法図
結線図
推奨ランド図
/ インピーダンス特性
/ 仕様
品名
直流抵抗
定格電流
インピーダンス
/ 用途
1. CANバス、AV、OA機器。
2. DCライン用コモンモード対策に最適です。
1. 車戴対応可能コモンモードチョークコイル(∼125℃)。
2. 寸法 9.1×10.0mm 高さ 6.6mm(MAX)。
3. RoHS指令対応品。
/ 特徴
外形寸法図
結線図
推奨ランド図
/ 仕様
/ 用途
1. CANバス、AV、OA機器。
2. DCライン用コモンモード対策に最適です。
1. 車戴対応可能コモンモードチョークコイル(∼125℃)。
2. 寸法 7.5×7.5mm 高さ 5.3mm(MAX)。
3. RoHS指令対応品。
/ 特徴
品名
直流抵抗
定格電流
インピーダンス
/ インピーダンス特性



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com