Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 73 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 73 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 69Page - Sumida Corporation SCR1021 Datasheet HTML 70Page - Sumida Corporation SCR1021 Datasheet HTML 71Page - Sumida Corporation SCR1021 Datasheet HTML 72Page - Sumida Corporation SCR1021 Datasheet HTML 73Page - Sumida Corporation SCR1021 Datasheet HTML 74Page - Sumida Corporation SCR1021 Datasheet HTML 75Page - Sumida Corporation SCR1021 Datasheet HTML 76Page - Sumida Corporation SCR1021 Datasheet HTML 77Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 156 page
background image
73
Designed secondary winding for out put voltage check.
High efficiency suitable for IC controlled type circuit.
2-Output CCFlL driving inverter transformer that does not require ballast capacitor.
About ERH268
OUTLINE
1. Low profile. (CIHI247)
2. 2-Output type, capable of driving 2 CCFL.
3. Cross-phase drive only(ERH268)
4. Suitable for large size LCD panel.
(Max. Lamp Wattage / CIHI247:7.5W x 2)
5. Low cost.
6. High temperature reflow soldering is permitted. (Pb free)
ERH268
DIMENSIONS (mm)
CIHI247
DIMENSIONS (mm)
LAND PATTERNS (mm)
LAND PATTERNS (mm)
SCHEMATICS
Specifications
ERH268
7.0W x2
(IC -controlled type circuit)
30kHz - 100kHz
3,400Vrms(3sec)
CIHI247
7.5W x2
(IC -controlled type circuit)
35kHz - 80kHz
1,500Vrms / 1,600Vrms(3sec)
2,000Vrms(3sec)
2,500Vrms / 2,800Vrms(3sec)
Type Name
Frequency Range
Max. Open Voltage
Same-phase drive
Cross-phase drive
Max. Lamp Wattage
One lamp specifications
( Cross-phase drive )
Two lamp specifications
( Same-phase drive )
Features
PROVISIONAL
Application
1. Large size LCD-TV.
Inverter Transformers < High Reliability Inverter Transformers >
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
3.7
38.8
3.7
Max. 25.0
Max. 7.6
Max. 8.8
3.4
6-ø1.0
29.0
26.0
11.5
11.5
11.5
11.5
0.3
3-2.4
2.0
2.0
0.8
0.7
7.7
3-2.4
4.6
4.6
6.6
2次側にランプ検出用巻線を配置しました。
他励式駆動 ICに適応し高効率です。
冷陰極管点灯二出力型バラストレスインバータトランス。
/ 概要
1. 低背です。
(CIHI247)
2. 二出力構造で、
ランプ2本駆動出来ます。
3. 逆相仕様専用(ERH268)
4. 大型液晶パネルに対応可能です。
(最大管容量 CIHI247: 7.5W x 2)
5. 廉価タイプです。
6. 高温リフローはんだ(鉛フリー)対応可。
外形寸法図
外形寸法図
推奨ランド寸法
推奨ランド寸法
結線図
/ 仕様
型名
適応周波数
最大開放電圧
同相仕様
逆相仕様
最大管電力
(他励式)
(他励式)
(他励式)
ランプー本仕様
(逆相仕様)
ランプ二本仕様
(同相仕様)
/ 特徴
/ 用途
1. 大型LCD-TV。
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com