Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 80 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 80 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 76Page - Sumida Corporation SCR1021 Datasheet HTML 77Page - Sumida Corporation SCR1021 Datasheet HTML 78Page - Sumida Corporation SCR1021 Datasheet HTML 79Page - Sumida Corporation SCR1021 Datasheet HTML 80Page - Sumida Corporation SCR1021 Datasheet HTML 81Page - Sumida Corporation SCR1021 Datasheet HTML 82Page - Sumida Corporation SCR1021 Datasheet HTML 83Page - Sumida Corporation SCR1021 Datasheet HTML 84Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 156 page
background image
80
DIMENSIONS (mm)
Input Voltage
Input Current
Output Current
Oscilation Frequency
Light Adjustment Voltage
Output Open Voltage
Vin
Iin
Iout
Fosc
Vpwm
Vopen
Vin = 12.0V, Ta = 25
°C, BRT= 3.3V
10.4
-
10
40
0
1.03
V
A
mArms
kHz
V
KVrms
Parameter
Unit
Symbol
Condition
Specifications
min.
12
(0.9)
11
45
TBD
-
typ.
13.2
-
12
50
3.3 ~ 5.0
-
max.
IV36125
DIMENSIONS (mm)
Input Voltage
Input Current
Output Current
Oscilation Frequency
Light Adjustment Voltage
Output Open Voltage
Vin
Iin
Iout
Fosc
Vpwm
Vopen
Vin = 12.0V, Ta = 25
°C, BRT= 3.3V
10.4
-
7
40
0
1.7
V
A
mArms
kHz
V
KVrms
Parameter
Unit
Symbol
Condition
Specifications
min.
12
2.0
7.5
50
TBD
-
typ.
13.2
-
8
60
3.3 ~ 5.0
-
max.
IV45200
200.0
100.0
100.0
100.0
125.0
105.0
4.0
100.0
5.0
3-
φ3.5
φ3.5-2
5.0
Inverter Units
外形寸法図
• Electrical characteristic example /
電気的特性例:2CCFL type
項目
単位
記号
入力電圧
入力電流
出力電流
発振周波数
調光電圧
出力開放電圧
測定条件
仕様
*使用コネクタ:入力 S7B-PH-SM4-TB(LF)(SN)JST 出力 SM03(7D-1)B-BHS-1-TB(LF)(SN)JST
外形寸法図
• Electrical characteristic example /
電気的特性例:4CCFL type
項目
単位
記号
入力電圧
入力電流
出力電流
発振周波数
調光電圧
出力開放電圧
測定条件
仕様
*使用コネクタ:入力 S7B-PH-SM4-TB(JST) 出力 SM02B-BHSS-1-TB×4(JST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com