Electronic Components Datasheet Search
  English  ▼

X  

SCR1021 Datasheet(PDF) 75 Page - Sumida Corporation

Part # SCR1021
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SCR1021 Datasheet(HTML) 75 Page - Sumida Corporation

Back Button SCR1021 Datasheet HTML 71Page - Sumida Corporation SCR1021 Datasheet HTML 72Page - Sumida Corporation SCR1021 Datasheet HTML 73Page - Sumida Corporation SCR1021 Datasheet HTML 74Page - Sumida Corporation SCR1021 Datasheet HTML 75Page - Sumida Corporation SCR1021 Datasheet HTML 76Page - Sumida Corporation SCR1021 Datasheet HTML 77Page - Sumida Corporation SCR1021 Datasheet HTML 78Page - Sumida Corporation SCR1021 Datasheet HTML 79Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 156 page
background image
75
DIMENSIONS (mm)
TYPE
SPECIFICATIONS
CONSTRUCTION
Inverter Transformers
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 140kHz
: 750Vrms
: 1.5W
CPU9D25
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 140kHz
: 750Vrms
: 1.2W
CLQ122
CIUH94
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 100kHz
: 1,400Vrms (3sec)
: 4.0W
CIOH175
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 150kHz
: 1,800Vrms
: 5.0W
Operating Freq.
Max. Open Voltage
Max. Lamp Wattage
: Max. 300kHz
: 1,800Vrms
: 7.5W
CIU107
Inverter Transformers
4-1.5
Max. 10.2
6.0
2.8
0.5
0.5
Max. 3.0
7.4
Max. 10.8
0.825
Max. 9.8
Max. 5.0
0.5
3-1.7
5.2
0.5
0.3
0.875
Max. 10.7
Max. 8.5
9.0
0.6
3-2.2
0.4
1.9
5.2
5-2.5
Max. 17.8
6.8
7.9
0.55
0.8
外形寸法図
型名
仕様
磁気構造図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com