Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 136 page
background image
15 Dimensions
15.1 Obtaining package dimensions
Package dimensions are provided in the package drawings. To find a package drawing, go to nxp.com and perform a keyword
search for the drawing’s document number:
Package option
Document Number
48-pin LQFP
98ASH00962A
257-ball MAPBGA
98ASA01483D
172-pin HDQFP
98ASA01107D
100-pin HDQFP
98ASA01570D
172-pin HDQFP_EP
98ASA01667D
289-ball MAPBGA
98ASA01216D
16 Revision history
The following table lists the changes in this document.
Rev 8, Jun 2023
• Moved S32K311 and S32K310 to support list from preliminary and added S32K322 to supported list.
• Updated frequency to 320 MHz for S32K388 mentioned in features and updated S32K388 block diagram.
• In section "Thermal operating characteristics" added ambient temperature seperately for both V- and M-grade parts.
• Deleted power management figures. See reference manual for these figures.
• Decoupling capacitors are updated with new formats.
• In section "V15 regulator (SMPS option) electrical specifications" updated the SMPS circuit figure.
• In section "V11 regulator (NMOS ballast transistor control) electrical specifications" updated V11 output from 1.14 to
1.155 V.
• In section "Supply currents" added current numbers for S32K311 and S32K310 and added support for 320MHz for
S32K388.
• In section "Supply currents" merged VDD_HV_A for S32K3x8, S32K34x, S32K32x and S32K314 and mentioned the
max current.
• Added table title to table in section "Cyclic wake-up current".
• In section "Low Power Comparator (LPCMP)",
— for symbol tDDAC updated description from "DAC Initialization and switching settling time" to "DAC Initialization
time".
— updated footnote attached to TDHSS and TDLSS from "Applied +/- (30 mV + 2 x VAHYST0/1/2/3 + max. of VAIO)
around switch point" to "Applied +/- (30 mV + VAHYST0/1/2/3 + max. of VAIO) around switch point"
• In section "Temperature Sensor" clarified that its an MCU on-die temperature sensor.
• In section "FIRC" updated FACC for S32K311 and S32K310 for different temperature ranges.
NXP Semiconductors
Dimensions
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
120 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com