Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 121 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
Rev 8, Jun 2023
• In section "PLL", added sentence "Jitter values specified in this table are applicable for FXOSC reference clock input
only".
• In section "Fast External Oscillator (FXOSC)", added IFXOSC for ALC disabled.
• In section "Slow Crystal Oscillator (SXOSC)" updated ISXOSC max from 4 to 10 uA.
• In section " LPSPI" updated symbols of Data hold time (inputs) to tHI.
• Updated heading of Ethernet MII and RMII to mention support of 10 and 100 Mbps.
• In "uSDHC SDR electrical specifications" updated conditions for the supported pads.
• In "uSDHC DDR electrical specifications" updated conditions for the supported pads and deleted 25 MHz specifications.
• Updated RϴJA for 172HDQFP_EP to 15.6 °C/W.
Rev 7, Apr 2023
• Updated caution in overview and updated feature comparision.
• In "S32K3xx chip's feature comparison" section clarified via footnote that S32K388 supports QuadSPI SDR modes only.
• Updated S32K312 and S32K388 block diagram.
• QFP package references updated to HDQFP.
• In section "Absolute maximum ratings" added footnote to VDD_DCDC as "Voltage at VDD_DCDC cannot be higher than
VDD_HV_A".
• In section "Voltage and current operating requirements" added footnote to V15 as "Min and Max values are applicable
only for non-SMPS mode where V15 is sourced externally".
• Updated descriptions and condition in following sections:
— Boot time, HSE firmware not installed
— Boot time, HSE firmware installed
— HSE firmware memory verification time examples
• In section "Recommended Decoupling Capacitors" updated variants for COUT V11.
• In section "V15 regulator (SMPS option) electrical specifications" added CBULK_SMPS.
• In section "V15 regulator (BJT option, NPN ballast transistor control) electrical specifications" added V15 input.
• In section "SAR ADC" updated paragraph "All below specs are applicable...". and added footnote to TUE as "Spec valid
if potential difference between VDD_HV_A.." amd figure updated to show VDD_HV_A instead of VREFH.
• In LPCMP section changed ACMP0 to LPCMP0.
• In PLL added paragraph to mention Auxilliary PLL applicability and footnote updated to mention "Accumulated jitter
specification is not valid with SSCG".
• In PLL added CLKIN_VIL_EXTAL_BYPASS and CLKIN_VIH_EXTAL_BYPASS specifications.
• Added section "Communication between two S32K388 devices".
• In section "Ethernet MII (100 Mbps)" updated specification for 10 and 100 Mbps.
• In section "Ethernet RGMII" added paragraph "The following timing specs are defined at the device".
• In section "MDIO timing specifications" updated MDC3 for GPIO[113]pad of S32K388.
• Added following QuadSPI modes for S32K388:
NXP Semiconductors
Revision history
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
121 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com