Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 36Page - NXP Semiconductors VR5510 Datasheet HTML 37Page - NXP Semiconductors VR5510 Datasheet HTML 38Page - NXP Semiconductors VR5510 Datasheet HTML 39Page - NXP Semiconductors VR5510 Datasheet HTML 40Page - NXP Semiconductors VR5510 Datasheet HTML 41Page - NXP Semiconductors VR5510 Datasheet HTML 42Page - NXP Semiconductors VR5510 Datasheet HTML 43Page - NXP Semiconductors VR5510 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 203 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
Symbol
Parameter
Min
Typ
Max
Unit
DVS Ramp down Speed , BUCK12DVS_RAMP_OTP[1:0] = 00
7.87
13.02 19.75 mV/μs
DVS Ramp down Speed , BUCK12DVS_RAMP_OTP[1:0] = 01
3.87
6.51
9.87
mV/μs
DVS Ramp down Speed , BUCK12DVS_RAMP_OTP[1:0] = 10
1.95
3.25
4.92
mV/μs
VBUCK12_DVS_DOWN
(1.8 V)
DVS Ramp down Speed , BUCK12DVS_RAMP_OTP[1:0] = 11
1.67
2.78
4.22
mV/μs
TBUCK12_OFF_MIN
HS minimum OFF time
9
27
54
ns
RBUCK12_HS_RON
HS PMOS RDSon, 3.6 Vgs, Tj = 125 C
—
—
135
mΩ
RBUCK12_LS_RON
LS NMOS RDSon, 3.6 Vgs, Tj = 125 C
—
—
80
mΩ
RBUCK12_DISch
Discharge Resistance (when BUCK1,2 is disabled and ramp down
completed)
—
20
40
Ω
TSDBUCK12
Thermal shutdown threshold
155
—
—
°C
TBUCK12_TSD
Thermal shutdown filtering time
—
20
30
μs
Table 17. Electrical characteristics...continued
12.6 BUCK1 and BUCK2 efficiency
Table 18 shows BUCK1 and BUCK2 efficiency versus current load based on a typical external component and
a 4.1 V VPRE voltage. For external components with characteristics different from the ones shown below, use
the VR5510 Power Calculator tool to recalculate the theoretical efficiency. The real efficiency must be verified by
measurement at the application level.
Ext. C and L
Cin
60
μF
ESR Cin
10
mΩ
Cout
44
μF
ESR Cout
10
mΩ
L coil
1
μH
DCR coil
30
mΩ
Int. MOSFET
HS_Rdson
135
mΩ
QH
0.5
nC
THS_sw
5
ns
GHS_drive
5
V
LS-Rdson
80
mΩ
QLS
0.5
nC
TLS_sw
5
ns
GLS_drive
5
V
Ibuck1,2 (A)
0
2.75
2.0
1.0
BUCK1,2 Efficiency vs Ibuck1,2
1.25
0.25
0.5
0.75
2.25
2.5
1.50
1.75
aaa-039376
80
70
90
100
60
85
75
95
65
1.8 V
1.25 V
0.8 V
Table 18. BUCK1 and BUCK2 theoretical efficiency
VR5510
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6 — 31 July 2023
40 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com