Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 38Page - NXP Semiconductors VR5510 Datasheet HTML 39Page - NXP Semiconductors VR5510 Datasheet HTML 40Page - NXP Semiconductors VR5510 Datasheet HTML 41Page - NXP Semiconductors VR5510 Datasheet HTML 42Page - NXP Semiconductors VR5510 Datasheet HTML 43Page - NXP Semiconductors VR5510 Datasheet HTML 44Page - NXP Semiconductors VR5510 Datasheet HTML 45Page - NXP Semiconductors VR5510 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 203 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
Symbol
Parameter
Min
Typ
Max
Unit
BUCK3
VBUCK3_IN
Input voltage range
2.5
—
5.5
V
VBUCK3
Output voltage, OTP settings available:
1.0 V, 1.1 V, 1.2 V, 1.25 V, 1.3 V, 1.35 V, 1.5 V, 1.6 V, 1.8 V
1.85 V, 2.0 V, 2.1 V, 2.15 V, 2.25 V, 2.3 V, 2.4 V, 2.5 V, 2.8 V,
3.15 V, 3.2 V, 3.25 V, 3.3 V, 3.35 V, 3.4 V, 3.5 V, 3.8 V, 4.0 V,
4.1 V
1.0
—
4.1
V
IBUCK3
Recommended DC output current capability
—
2.5
—
A
Output Voltage Accuracy, PWM
-2
—
2
%
Output Voltage Accuracy, PWM, 1.1 V setting
-1
—
1
%
VBUCK3ACC
Output Voltage Accuracy, PFM
-3
—
3
%
IBUCK3_Q
Quiescent Current, PFM Mode, VSUP = 12 V
—
12
—
μA
VBUCK3_SW
Switching Frequency Range
2.1
2.22
2.35
MHz
LBUCK3
Inductor for VBUCK3_SW =2.22 MHz
—
1.0
—
μH
Effective output capacitor
35
—
132
μF
COUT_BUCK3
Output decoupling capacitor
—
0.1
—
μF
Effective input capacitor (close to BUCK3_IN pin)
4.23
—
—
μF
CIN_BUCK3
Input decoupling capacitor (close to BUCK3_IN pin)
—
0.1
—
μF
VBUCK3_TLR
Transient Load Regulation
(Cout = 44 μF, from 200 mA to 1 A, di/dt = 2 A/μs)
-50
—
50
mV
2.4
3
3.7
A
ILIM_BUCK3
Inductor peak current limitation range
(OTP configuration)
3.6
4.5
5.45
A
TBUCK3_ON_MIN
HS minimum ON time
5
50
80
ns
DVS Ramp up/down Speed , BUCK3_RAMP_OTP[1:0] = 00
6
10.42 15
mV/μs
DVS Ramp up/down Speed , BUCK3_RAMP_OTP[1:0] = 01
2
3.47
5
mV/μs
DVS Ramp up/down Speed , BUCK3_RAMP_OTP[1:0] = 10
1.5
2.6
3.5
mV/μs
VBUCK3_DVS_UP_DOWN
DVS Ramp up/down Speed , BUCK3_RAMP_OTP[1:0] = 11
1
2.08
3
mV/μs
VBUCK3_SOFT_START
Soft start (from 10% to 90%)
—
—
200
μs
RBUCK3_HS_RON
HS PMOS RDSon
—
—
135
mΩ
RBUCK3_LS_RON
LS NMOS RDSon
—
—
80
mΩ
RdischBUCK3
Discharge Resistance (when BUCK3 is disabled)
—
20
40
Ω
TSDBUCK3
Thermal shutdown threshold
155
—
—
°C
TBUCK3_TSD
Thermal shutdown filtering time
—
20
30
μs
Table 19. Electrical characteristics
13.5 BUCK3 efficiency
Table 20 shows BUCK3 efficiency versus current load based on a typical external component and a 4.1 V
VPRE voltage. For external components with characteristics different from the ones shown below, use the
VR5510
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6 — 31 July 2023
42 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com