Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 86Page - NXP Semiconductors VR5510 Datasheet HTML 87Page - NXP Semiconductors VR5510 Datasheet HTML 88Page - NXP Semiconductors VR5510 Datasheet HTML 89Page - NXP Semiconductors VR5510 Datasheet HTML 90Page - NXP Semiconductors VR5510 Datasheet HTML 91Page - NXP Semiconductors VR5510 Datasheet HTML 92Page - NXP Semiconductors VR5510 Datasheet HTML 93Page - NXP Semiconductors VR5510 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 203 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
VCORE_ABIST2
VCOREMON BIST executed during ABIST2
HVLDO_VMON_ABIST2
HVLDO VMON BIST executed during ABIST2
0 (default)
No ABIST2
1
HVLDO VMON BIST executed during ABIST2
Reset condition
POR
Table 76. ABIST2 setting...continued
An RSTB_DELAY_OTP bit is available to add a 5 ms delay between the end of the ABIST1 and RSTB/PGOOD
release.
TA = –40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UVH to 36 V, unless otherwise specified. All
voltages referenced to ground
Symbol
Parameter
Min
Typ
Max
Unit
ABIST
ABIST1TDUR
ABIST1 duration
• MIN with no voltage monitoring assigned by OTP
• MAX with all voltage monitoring assigned by OTP
0.2
—
1.4
ms
ABIST2TDUR
ABIST2 duration
• MIN with no voltage monitoring selected by I2C
• MAX with all voltage monitoring selected by I2C
0.2
—
1.4
ms
Table 77. Electrical characteristics
VR5510
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6 — 31 July 2023
90 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com