Electronic Components Datasheet Search
  English  ▼

X  

VR5510 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # VR5510
Description  Multi-output PMIC with SMPS and LDO
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5510 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button VR5510 Datasheet HTML 63Page - NXP Semiconductors VR5510 Datasheet HTML 64Page - NXP Semiconductors VR5510 Datasheet HTML 65Page - NXP Semiconductors VR5510 Datasheet HTML 66Page - NXP Semiconductors VR5510 Datasheet HTML 67Page - NXP Semiconductors VR5510 Datasheet HTML 68Page - NXP Semiconductors VR5510 Datasheet HTML 69Page - NXP Semiconductors VR5510 Datasheet HTML 70Page - NXP Semiconductors VR5510 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 203 page
background image
NXP Semiconductors
VR5510
Multi-output PMIC with SMPS and LDO
WD_WINDOW[3:0]
Watchdog Window Period
0001
1.0 ms
0010
2.0 ms
0011 (default)
3.0 ms
0100
4.0 ms
0101
6.0 ms
0110
8.0 ms
0111
12 ms
1000
16 ms
1001
24 ms
1010
32 ms
1011
64 ms
1100
128 ms
1101
256 ms
1110
512 ms
1111
1024 ms
Reset condition
POR
Table 45. Watchdog window period configuration...continued
The duty cycle of the watchdog window is configurable from 31.25% to 68.75% with the WDW_DC [2:0] bits
(FS_WD_WINDOW register). The new duty cycle is effective after the next watchdog refresh.
WDW_DC [2:0]
CLOSED window
OPEN window
000
31.25%
68.75%
001
37.5%
62.5%
010 (default)
50%
50%
011
62.5%
37.5%
100
68.75%
31.25%
Others
50%
50%
Reset condition
POR
Table 46. Watchdog window duty cycle configuration
22.4.1 Simple watchdog
The Simple watchdog uses a unique seed. The MCU can send its own seed to the WD_SEED bit
field (FS_WD_SEED register) or it can use the default value 0x5AB2. This seed must be written in the
WD_ANSWER bit field (FS_WD_ANSWER register) during the OPEN watchdog window. When the result is
correct, the watchdog window is restarted. When the result is incorrect, the WD error counter is incremented
and the watchdog window is restarted. In Simple watchdog configuration, a 0xFFFF and 0x0000 value cannot
be written to WD_SEED. If a 0x0000 or 0xFFFF write is attempted, a communication error is reported.
VR5510
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6 — 31 July 2023
67 / 203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com