Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPB1007K Datasheet HTML 1Page - Renesas Technology Corp UPB1007K Datasheet HTML 2Page - Renesas Technology Corp UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
Document No. PU10014EJ02V0DS (2nd edition)
Date Published February 2002 CP(K)
Printed in Japan
©
©
©
© NEC Compound Semiconductor Devices 2001, 2002
BIPOLAR ANALOG + DIGITAL INTEGRATED CIRCUIT
µµµµPB1007K
REFERENCE FREQUENCY 16.368 MHz, 2nd IF FREQUENCY 4.092 MHz
RF/IF FREQUENCY DOWN-CONVERTER +
PLL FREQUENCY SYNTHESIZER IC FOR GPS RECEIVER
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The
µPB1007K is a silicon monolithic integrated circuit for GPS receiver. This IC is designed as double
conversion RF block integrated Pre-Amplifier + RF/IF down-converter + PLL frequency synthesizer on 1 chip.
This IC is lower current than the
µPB1005K and packaged in a 36-pin QFN package.
This IC is manufactured using our 30 GHz fmax UHS0 (Ultra High Speed Process) silicon bipolar process.
FEATURES
• Double conversion
: fREFin = 16.368 MHz, f1stIFin = 61.380 MHz, f2ndIFin = 4.092 MHz
• Integrated RF block
: Pre-Amplifier + RF/IF frequency down-converter + PLL frequency synthesizer
• Needless to input counter data
: fixed division internal prescaler
• VCO side division
:
÷200 (÷25, ÷8 serial prescaler)
• Reference division
:
÷2
• Supply voltage
: VCC = 2.7 to 3.3 V
• Low current consumption
: ICC = 25.0 mA TYP. @ VCC = 3.0 V
• Gain adjustable externally
: Gain control voltage pin (control voltage up vs. gain down)
• On-chip pre-amplifier
: GP = 15.5 dB TYP. @ f = 1.57542 GHz
NF = 3.2 dB TYP. @ f = 1.57542 GHz
• Power-save function
: Power-save dark current ICC(PD) = 5
µA MAX.
• High-density surface mountable
: 36-pin plastic QFN
APPLICATIONS
• Consumer use GPS receiver of reference frequency 16.368 MHz, 2nd IF frequency 4.092 MHz (for general use)
ORDERING INFORMATION
Part Number
Package
Supplying Form
µPB1007K-E1
36-pin plastic QFN
• 12 mm wide embossed taping
• Pin 1 indicates pull-out direction of tape
• Qty 2.5 kpcs/reel
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPB1007K
Caution Electro-static sensitive devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com