Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp UPB1007K Datasheet HTML 14Page - Renesas Technology Corp UPB1007K Datasheet HTML 15Page - Renesas Technology Corp UPB1007K Datasheet HTML 16Page - Renesas Technology Corp UPB1007K Datasheet HTML 17Page - Renesas Technology Corp UPB1007K Datasheet HTML 18Page - Renesas Technology Corp UPB1007K Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Data Sheet PU10014EJ02V0DS
13
µµµµPB1007K
fRFin = 1 575.42 MHz
PRFin = –40 dBm
P1stLOin = –10 dBm
fLOin = fRFin + f1stIFout
Upper local
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
30
25
15
10
5
20
0
10
30
50
100
300
1stIF Output Frequency f1stIFout (MHz)
1stIF OUTPUT FREQUENCY
RF CONVERSION GAIN vs.
VCC = 3 V
fRFin1 = 1 600 MHz
fRFin2 = 1 605 MHz
f1stLOin = 1 660 MHz
P1stLOin = –10 dBm
+20
0
–20
–40
–60
–80
–70
–60
–50
–80
–40
–30
–20
–10
0
RF Input Power of Each Tone PRFin (each) (dBm)
vs. RF INPUT POWER OF EACH TONE
1stIF OUTPUT POWER OF EACH TONE
 IF DOWN-CONVERTER BLOCK 
5
4
3
2
1
0
1234
Supply Voltage VCC (V)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
No signal
f1stIFin = 61.38 MHz
f2ndLOin = 65.472 MHz
P2ndLOin = –10 dBm
f2ndIFout = 4.092 MHz
VGC = GND
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
0
–10
–20
–30
–40
–50
–70
–60
–50
–80
–40
–20
–30
–10
0
1stIF Input Power P1stIFin (dBm)
2ndIF OUTPUT POWER
vs. 1stIF INPUT POWER
VCC = 3 V
f1stIFin = 61.38 MHz
f2ndLOin = 65.472 MHz
P2ndLOin = –10 dBm
f2ndIFout = 4.092 MHz
VGC = GND
TA = +25˚C
TA = –40˚C
TA = +85˚C
0
–10
–20
–30
–40
–50
–70
–60
–50
–80
–40
–20
–30
–10
0
1stIF Input Power P1stIFin (dBm)
2ndIF OUTPUT POWER
vs. 1stIF INPUT POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com