Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 21Page - Renesas Technology Corp UPB1007K Datasheet HTML 22Page - Renesas Technology Corp UPB1007K Datasheet HTML 23Page - Renesas Technology Corp UPB1007K Datasheet HTML 24Page - Renesas Technology Corp UPB1007K Datasheet HTML 25Page - Renesas Technology Corp UPB1007K Datasheet HTML 26Page - Renesas Technology Corp UPB1007K Datasheet HTML 27Page - Renesas Technology Corp UPB1007K Datasheet HTML 28Page - Renesas Technology Corp UPB1007K Datasheet HTML 29Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet PU10014EJ02V0DS
25
µµµµPB1007K
NOTES ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent abnormal oscillation).
(3) Keep the wiring length of the ground pins as short as possible.
(4) Connect a bypass capacitor (example: 1 000 pF) to the VCC pin.
(5) High-frequency signal I/O pins must be coupled with the external circuit using a coupling capacitor.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method
Soldering Conditions
Condition Symbol
Infrared Reflow
Peak temperature (package surface temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Time at temperature of 220
°C or higher
: 60 seconds or less
Preheating time at 120 to 180
°C
: 120
±30 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
IR260
VPS
Peak temperature (package surface temperature)
: 215
°C or below
Time at temperature of 200
°C or higher
: 25 to 40 seconds
Preheating time at 120 to 150
°C
: 30 to 60 seconds
Maximum number of reflow processes
: 3 times
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
VP215
Wave Soldering
Peak temperature (molten solder temperature)
: 260
°C or below
Time at peak temperature
: 10 seconds or less
Preheating temperature (package surface temperature) : 120
°C or below
Maximum number of flow processes
: 1 time
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
WS260
Partial Heating
Peak temperature (pin temperature)
: 350
°C or below
Soldering time (per side of device)
: 3 seconds or less
Maximum chlorine content of rosin flux (% mass)
: 0.2%(Wt.) or below
HS350
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com