Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp UPB1007K Datasheet HTML 14Page - Renesas Technology Corp UPB1007K Datasheet HTML 15Page - Renesas Technology Corp UPB1007K Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Data Sheet PU10014EJ02V0DS
10
µµµµPB1007K
STANDARD CHARACTERISTICS (TA = +25
°°°°C, VCC = 3.0 V)
Parameter
Symbol
Test Conditions
Reference
Unit
Pre-amplifier Block (fRFin = 1 575.42 MHz, ZS = ZL = 50
Ω)
Input 1dB Compression Level
Pin(1dB)
Input/Output matching
−20
dBm
RF Down-converter Block (P1stLOin =
−10 dBm, ZS = ZL = 50 Ω)
LO Leakage to IF Pin
LOif
f1stLOin = 1 636.80 MHz
−37
dBm
LO Leakage to RF Pin
LOrf
f1stLOin = 1 636.80 MHz
−36
dBm
Input 3rd Order Intercept Point
IIP3(RF)
fRFin1 = 1 600 MHz, fRFin2 = 1 605 MHz,
f1stLOin = 1 660 MHz
−15
dBm
IF Down-converter Block (1st LO oscillating, ZS = 50
Ω, ZL = 2 kΩ)
LO Leakage to 1st IF Pin
LO1stif
f2ndLOin = 65.472 MHz
−90
dBm
LO Leakage to 2nd IF Pin
LO2ndif
f2ndLOin = 65.472 MHz
−63
dBm
Input 3rd Order Intercept Point
IIP3(IF)
f1stIFin1 = 61.38 MHz, f1stIFin2 = 61.48 MHz,
f2ndLOin = 65.472 MHz
−27.5
dBm
PLL Synthesizer Block
Phase Comparing Frequency
fPD
PLL loop
8.184
MHz
VCO Block
Phase Noise
C/N
PLL Loop,
∆1 kHz of VCO wave
83
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com