Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPB1007K Datasheet HTML 1Page - Renesas Technology Corp UPB1007K Datasheet HTML 2Page - Renesas Technology Corp UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet PU10014EJ02V0DS
2
µµµµPB1007K
PRODUCT LINE-UP (TA = +25
°°°°C, VCC = 3.0 V)
Type
Part Number
Functions
(Frequency unit: MHz)
VCC
(V)
ICC
(mA)
CG
(dB)
Package
Status
µPB1007K
Pre-amplifier + RF/IF
down-converter + PLL
synthesizer
REF = 16.368
1stIF = 61.380/2ndIF = 4.092
2.7 to 3.3
25.0
100 to
120
36-pin plastic QFN
New Device
µPB1005GS
30-pin plastic SSOP
Clock
Frequency
Specific
1 chip IC
µPB1005K
RF/IF down-converter
+ PLL synthesizer
REF = 16.368
1stIF = 61.380/2ndIF = 4.092
2.7 to 3.3
45.0
76 to 96
36-pin plastic QFN
Available
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
To know the associated products, please refer to their latest data sheets.
SYSTEM APPLICATION EXAMPLE
GPS receiver RF block diagram
1 600f0
RF-MIXout
60f0
1540f0
BPF
BPF
IF-MIXin
IF-MIXout
4f0
BPF
2ndIFin1
VGC
2ndIFin2
2ndIFbypass
2ndIF-Amp
IF-MIX
4.092 MHz
16f0
to Demdulator
Buffer
to Demdulator
REF
1/2
PD
8f0
8f0
8f0
16f0
LOout
64f0
1/8
1/25
1stLO-OSC2
1stLO-OSC1
TCXO
16.368 MHz
4f0
REFout2
Buffer
16.368 MHz
RF-MIX
Pre-Amp
OSC
1575.42 MHz
from
Antenna
CHARGE
PUMP
LOOP
FILTER
• PB1007K is in
•f0 = 1.023 MHz in the diagram
µ
Caution This diagram schematically shows only the
µµµµPB1007K’s internal functions on the system.
This diagram does not present the actual application circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com