Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp UPB1007K Datasheet HTML 14Page - Renesas Technology Corp UPB1007K Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet PU10014EJ02V0DS
9
µµµµPB1007K
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C, VCC = 3.0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Total Circuit Current
ICCTotal
All block operating @ PLL lock
19.0
25.0
35.0
mA
Power-save Dark Current
ICC(PD)
Pin 15 = Pin 16 = 0 V
−−
5
µA
Reference Block Circuit Current
ICCREF
Pin 15 = 0 V, Pin 16 = 3 V
−
34
mA
Pre-amplifier Block (fRFin = 1 575.42 MHz, ZS = ZL = 50
Ω)
Circuit Current 1
ICC1
No Signals
1.65
2.50
3.50
mA
Power Gain
GP
Input/Output matching, PRFin =
−40 dBm
12.5
15.5
18.5
dB
Noise Figure
NF
Input/Output matching
−
3.2
4.0
dB
RF Down-converter Block (fRFin = 1 575.42 MHz, f1stLOin = 1 636.80 MHz, PLOin =
−10 dBm, ZS = ZL = 50 Ω)
Circuit Current 2
ICC2
No Signals
5.2
7.0
9.9
mA
RF Conversion Gain
CGRF
PRFin =
−40 dBm
15.5
18.5
21.5
dB
RF-SSB Noise Figure
NFRF
−
10.5
13.5
dB
RF Saturated Output Power
PO(sat)RF
PRFin =
−10 dBm
−4
−1
−
dBm
IF Down-converter Block (f1stIFin = 61.38 MHz, f2ndLOin = 65.472 MHz, ZS = 50
Ω, ZL = 2 kΩ)
Circuit Current 3
ICC3
No Signals
2.7
3.5
5.0
mA
IF Conversion Voltage Gain
CG(GV)IF
at Maximum Gain, P1stIFin =
−50 dBm
40
43
46
dB
IF-SSB Noise Figure
NFIF
at Maximum Gain
−
11.5
14.5
dB
2nd IF Saturated Output Power
PO(sat)2ndIF at Maximum Gain, P1stIFin =
−20 dBm
−9.0
−6.0
−
dBm
Gain Control Voltage
VGC
Voltage at Maximum Gain CGIF
−−
1.0
V
Gain Control Range
DGC
P1stIFin =
−50 dBm
20
−−
dB
2nd IF Amplifier (f2ndIFin = 4.092 MHz, ZS = 50
Ω, ZL = 2 kΩ)
Circuit Current 4
ICC4
No Signals
0.8
1.0
1.6
mA
Voltage Gain
GV
P2ndIFin =
−60 dBm
40
43
46
dB
2nd IF Saturated Output Power
PO(sat)2ndIF P2ndIFin =
−30 dBm
−14.0
−11.0
−
dBm
PLL Synthesizer Block
Circuit Current 5
ICC5
PLL All Block Operating
8.7
11.0
14.4
mA
Loop Filter Output (High)
VOH2.8
−−
V
Loop Filter Output (Low)
VOL
−−
0.4
V
Reference Minimum Input Level
VREFin
ZL = 100 k
Ω//0.6 pF
Impedance of measurement equipment
200
−−
mVP-P
Reference Output Swing
VREFout
ZL = 100 k
Ω//0.6 pF
Impedance of measurement equipment
2.9
3.0
−
VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com