Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp UPB1007K Datasheet HTML 14Page - Renesas Technology Corp UPB1007K Datasheet HTML 15Page - Renesas Technology Corp UPB1007K Datasheet HTML 16Page - Renesas Technology Corp UPB1007K Datasheet HTML 17Page - Renesas Technology Corp UPB1007K Datasheet HTML 18Page - Renesas Technology Corp UPB1007K Datasheet HTML 19Page - Renesas Technology Corp UPB1007K Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet PU10014EJ02V0DS
14
µµµµPB1007K
P1stIFin = –50 dBm
P2ndLOin = –10 dBm
f2ndIFout = 4.092 MHz
VGC = GND
VCC = 3.3 V
VCC = 2.7 V
VCC = 3.0 V
50
45
35
30
25
40
20
10
30
50
70
100
1stIF Input Frequency f1stIFin (MHz)
vs.1stIF INPUT FREQUENCY
IF CONVERSION VOLTAGE GAIN
f1stIFin = 61.38 MHz
P1stIFin = –50 dBm
P2ndLOin = –10 dBm
f2ndIFout = f1stIFin – f2ndLOin
VGC = GND
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
50
45
35
30
25
40
20
1
3
57
10
2ndIF Output Frequency f2ndIFout (MHz)
vs. 2ndIF OUTPUT FREQUENCY
IF CONVERSION VOLTAGE GAIN
f1stIFin = 61.38 MHz
P1stIFin = –50 dBm
f2ndLOin = 65.472 MHz
f2ndIFout = 4.092 MHz
VCC = 3.3 V
VCC = 3.0 V
VCC = 2.7 V
50
40
20
10
0
30
–10
0
0.5
1
1.5
2
2.5
3
Gain Control Voltage VGC (V)
vs. GAIN CONTROL VOLTAGE
IF CONVERSION VOLTAGE GAIN
VCC = 3 V
P1stIFin = –50 dBm
P2ndLOin = –10 dBm
f2ndIFout = 4.092 MHz
VGC = GND
TA = –40˚C
TA = +25˚C
TA = +85˚C
50
45
35
30
25
40
20
10
30
50
70
100
1stIF Input Frequency f1stIFin (MHz)
vs.1stIF INPUT FREQUENCY
IF CONVERSION VOLTAGE GAIN
VCC = 3 V
f1stIFin = 61.38 MHz
P1stIFin = –50 dBm
P2ndLOin = –10 dBm
f2ndIFout = f1stIFin – f2ndLOin
VGC = GND
TA = –40˚C
TA = +25˚C
TA = +85˚C
50
45
35
30
25
40
20
1
3
57
10
2ndIF Output Frequency f2ndIFout (MHz)
vs. 2ndIF OUTPUT FREQUENCY
IF CONVERSION VOLTAGE GAIN
VCC = 3 V
f1stIFin = 61.38 MHz
P1stIFin = –50 dBm
f2ndLOin = 65.472 MHz
f2ndIFout =4.092 MHz
TA = –40˚C
TA = +85˚C
TA = +25˚C
50
40
20
10
0
30
–10
0
0.5
1
1.5
2
2.5
3
Gain Control Voltage VGC (V)
vs. GAIN CONTROL VOLTAGE
IF CONVERSION VOLTAGE GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com