Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 2Page - Renesas Technology Corp UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Data Sheet PU10014EJ02V0DS
4
µµµµPB1007K
PIN EXPLANATION
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
1
Pre-AMPout
−
voltage
as same
as VCC
Output pin of Pre-amplifier.
Output biasing and matching
required as it is a open collector
output.
2VCC(Vreg)
2.7 to 3.3
−
Supply voltage pin of voltage
regulator.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
3
GND(Vreg)0
−
Ground pin of voltage regulator.
35
Pre-AMPin
−
0.79
Input pin of Pre-amplifier.
LC matching circuit must be
connected to this pin.
36
GND(Pre-AMP)
0
−
Ground pin of Pre-amplifier.
36
3
1
2
35
Regulator
4RF-MIXin
−
1.00
Input pin of RF mixer.
1 575.42 MHz band pass filter can
be inserted between pin 1 and 4.
5
GND(RF-MIX)
0
−
Ground pin of RF mixer.
33
RF-MIXout
−
1.30
Output pin of RF mixer.
1st IF filter must be inserted
between pin 31 and 33.
34
VCC(RF-MIX)
2.7 to 3.3
−
Supply voltage pin of RF mixer.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
1stLO-
OSC
5
33
34
4
61stLO-OSC1
−
1.80
71stLO-OSC2
−
1.80
Pin 6 and 7 are each base pin of
differential amplifier for 1st LO
oscillator. These pins should be
equipped with LC and varactor to
oscillate on 1 636.80 MHz as
VCO.
8VCC(1stLO-OSC)
2.7 to 3.3
−
Supply voltage pin of differential
amplifier for 1st LO oscillator
circuit.
RF-MIX or
Prescaler
input
6
21
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com