Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 3Page - Renesas Technology Corp UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Data Sheet PU10014EJ02V0DS
5
µµµµPB1007K
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
9VCC(PLL Block)
2.7 to 3.3
−
Supply voltage pin of PLL block.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
10
CPout
−
Output in
accordance
with phase
difference.
Output pin of charge-pump.
This pin should be equipped with
external RC in order to adjust
dumping factor and cut-off
frequency. This tuning voltage
output must be connected to
varactor diode of 1stLO-OSC.
11
GND(PLL Block)
0
−
Ground pin of PLL block.
21
9
10
11
PD
CP
12
12
VCC(PLL Block)
2.7 to 3.3
−
Supply voltage pin of PLL block.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
13
LOout
−
1.85
Monitor pin of 1/200 prescaler
output.
14
REFout2
−
1.68
Monitor pin of 1/2 prescaler
output.
15
Power Down1
0 or VCC
−
Stand-by mode control pin of Pre-
amplifier block, 1stLO-OSC block,
charge pump prescaler block, LO
output amplifier, RF mixer, IF
mixer, 2ndIF amplifier.
21
12
13
1st
LO-
OSC
IF-MIX
PD
PD
÷25
÷8
14
÷2
Ref.
Low
OFF
High
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com