Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp UPB1007K Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet PU10014EJ02V0DS
8
µµµµPB1007K
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25
°C3.6
V
Total Circuit Current
ICCTotal
TA = +25
°C
100
mA
Power Dissipation
PD
TA = +85
°C
Note
360
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Note Mounted on double-sided copper-clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
2.7
3.0
3.3
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
RF Input Frequency
fRFin
−
1 575.42
−
MHz
1st LO Oscillating Frequency
f1stLOin
−
1 636.80
−
MHz
1st IF Input Frequency
f1stIFin
−
61.380
−
MHz
2nd LO Input Frequency
f2ndLOin
−
65.472
−
MHz
2nd IF Input Frequency
f2ndIFin
−
4.092
−
MHz
Reference Input/Output Frequency
fREFin
fREFout
−
16.368
−
MHz
LO Output Frequency
fLOout
−
8.184
−
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com