Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 4Page - Renesas Technology Corp UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Data Sheet PU10014EJ02V0DS
6
µµµµPB1007K
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
16
Power Down2
0 or VCC
−
Stand-by mode control pin of
reference block.
17
REFout1
−−
Output pin of reference frequency.
The frequency from pin 19 can be
taken out as 3 VP-P swing.
18
REFin2
−
2.45
Input pin of reference frequency.
This pin should be grounded
through capacitor.
19
REFin1
−
2.45
Input pin of reference frequency.
This pin can use as an input pin
of reference frequency buffer.
This pin should be equipped with
external 16.368 MHz oscillator
(example: TCXO).
20
VCC(REF Block)
2.7 to 3.3
−
Supply voltage pin of reference
block.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
21
GND(REF Block)
0
−
Ground pin of reference block.
1/2
Prescaler
17
20
21
19
18
12
22
2ndIFout
−
1.80
Output pin of 2nd IF amplifier.
This pin output 4.092 MHz.
This pin should be equipped with
external buffer amplifier to adjust
level to next stage on user’s
system.
23
VCC(2nd IF-AMP)
2.7 to 3.3
−
Supply voltage pin of 2nd IF
amplifier.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
24
2ndIFbypass
−
2.10
Bypass pin of 2nd IF amplifier.
This pin should be grounded
through capacitor.
25
2ndIFin2
−
2.10
Pin of 2nd IF amplifier input 2.
This pin should be grounded
through capacitor.
26
2ndIFin1
−
2.10
Pin of 2nd IF amplifier input 1.
2nd IF filter can be inserted
between 26 and 28.
27
GND(2nd IF-AMP)
0
−
Ground pin of 2nd IF amplifier.
26
25
24
22
27
23
Low
OFF
High
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com