Electronic Components Datasheet Search
  English  ▼

X  

UPB1007K Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPB1007K
Description  BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1007K Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPB1007K Datasheet HTML 5Page - Renesas Technology Corp UPB1007K Datasheet HTML 6Page - Renesas Technology Corp UPB1007K Datasheet HTML 7Page - Renesas Technology Corp UPB1007K Datasheet HTML 8Page - Renesas Technology Corp UPB1007K Datasheet HTML 9Page - Renesas Technology Corp UPB1007K Datasheet HTML 10Page - Renesas Technology Corp UPB1007K Datasheet HTML 11Page - Renesas Technology Corp UPB1007K Datasheet HTML 12Page - Renesas Technology Corp UPB1007K Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data Sheet PU10014EJ02V0DS
7
µµµµPB1007K
Pin
No.
Pin Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Function and Application
Internal Equivalent Circuit
28
IF-MIXout
−
1.0
Output pin of IF mixer.
IF mixer output signal goes
through gain control amplifier
before this emitter follower output
port.
29
VCC(IF-MIX)
2.7 to 3.3
−
Supply voltage pin of IF mixer.
This pin should be externally
equipped with bypass capacitor to
minimize ground impedance.
30
VGC(IF-MIX)
0 to 3.3
−
Gain control voltage pin of IF
mixer output amplifier. This
voltage performs forward control
(VGC up
→ Gain down).
31
IF-MIXin
−
1.97
Input pin of IF mixer.
32
GND(IF-MIX)
0
−
Ground pin of IF mixer.
32
29
30
28
31
2ndLO
Caution Ground pattern on the board must be formed as wide as possible to minimize ground impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com