Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 7 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 27010 Datasheet HTML 3Page - Texas Instruments 27010 Datasheet HTML 4Page - Texas Instruments 27010 Datasheet HTML 5Page - Texas Instruments 27010 Datasheet HTML 6Page - Texas Instruments 27010 Datasheet HTML 7Page - Texas Instruments 27010 Datasheet HTML 8Page - Texas Instruments 27010 Datasheet HTML 9Page - Texas Instruments 27010 Datasheet HTML 10Page - Texas Instruments 27010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAMS
Bandgap,
Reference
andBias
Temperature
Compensated
PrecisionOscillator
Clock
Generator
EEPROM
RAM
SCPU
SystemI/O
andControl
Temperature
Sensor
ADC
2
VCC
8
SRP
7
SRN
6
BAT
5
HDQ
9
GPIO
1
RBI
3
VSS
bq27010
10 RGM
Autocalibration
and
Autocompensating
CoulombCounter
UDG−03040
UDG−04123
Bandgap,
Reference
andBias
Autocalibrationand
Autocompensating
CoulombCounter
Temperature
Compensated
PrecisionOscillator
Clock
Generator
EEPROM
RAM
SCPU
SystemI/O
andControl
Temperature
Sensor
ADC
2
VCC
8
SRP
7
SRN
6
BAT
4
SCL
9
GPIO
1
RBI
3
VSS
bq27210
5
SDA
10 RGM
FUNCTIONAL DESCRIPTION
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
The bqJUNIOR determines battery capacity by monitoring the amount of charge input to or removed from a
Li-Ion or Li-Pol battery. The bqJUNIOR measures discharge and charge currents, monitors the battery for low
voltage thresholds, and compensates for self-discharge, aging, temperature, and discharge rate. Current is
measured across a small value series resistor between the negative terminal of the battery and the pack ground
(see RS in Figure 3). Available capacity is reported with a resolution of 3.57 µVh. Time-To-Empty reporting in
minutes at standby, actual, and at-rate currents allows the requirements for host-based calculations to be greatly
reduced or eliminated; reading a single register pair provides useful and meaningful information to the end user
of the application.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com