Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 12 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 12 Page - Texas Instruments

Back Button 27010 Datasheet HTML 8Page - Texas Instruments 27010 Datasheet HTML 9Page - Texas Instruments 27010 Datasheet HTML 10Page - Texas Instruments 27010 Datasheet HTML 11Page - Texas Instruments 27010 Datasheet HTML 12Page - Texas Instruments 27010 Datasheet HTML 13Page - Texas Instruments 27010 Datasheet HTML 14Page - Texas Instruments 27010 Datasheet HTML 15Page - Texas Instruments 27010 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
Register Interface
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
FUNCTIONAL DESCRIPTION (continued)
The bqJUNIOR stores all calculated information in RAM, which is backed up by the voltage on the RBI input.
EEPROM registers store permanent user data. The memory map for bq27010/bq27210 is shown in Table 1.
Table 1. bq27010/bq27210 Memory Map
ADDRESS
NAME
FUNCTION
UNITS
ACCESS
EEPROM Registers
0x7F
TCOMP
Temperature Compensation Constants, OR, ID#1
R/W
0x7E
DCOMP
Discharge Rate Compensation Constants, OR, ID#2
R/W
0x7D
GAF/DEDV
Gain Age Factor / EDVI Rate Compensation
R/W
0x7C
PKCFG
Pack Configuration Values
R/W
0x7B
TAPER
LMD Aging Enable, Charge Termination Taper Current
228 µV(1)
R/W
0x7A
DMFSD
Digital Magnitude Filter and Self-Discharge Rate Constants
R/W
0x79
ISLC/EDVT
Initial Standby Load Current / EDVI Temperature Compensation
R/W
0x78
SEDV1
Scaled EDV1 Threshold
R/W
0x77
SEDVF
Scaled EDVF Threshold
R/W
0x76
ILMD
Initial Last Measured Discharge High Byte
914 µVh(1)
R/W
0x6F - 0x75
-
RESERVED
R
0x6E
EE_EN
EEPROM Program Enable
R/W
0x2D - 0x6D
-
RESERVED
R
RAM Registers
0x2C
CSOC
Compensated State-of-Charge
%
R
0x2B - 0x2A
CYCT
Cycle Count Total High - Low Byte
Cycles
R
0x29 - 0x28
CYCL
Cycle Count Since Learning Cycle High - Low Byte
Cycles
R
0x27 - 0x26
TTECP
Time-to-Empty At Constant Power High - Low Byte
Minutes
R
0x25 - 0x22
RSVD
Reserved
R
0x21 - 0x20
CEDV
Compensated EDV Threshold High - Low Byte
mV
R
0x1F - 0x1E
RSVD
Reserved
R
0x1D - 0x1C
STTE
Standby Time-to-Empty High - Low Byte
Minutes
R
0x1B - 0x1A
SI
Standby Current High - Low Byte
3.57 µV(1)
R
0x19 - 0x18
TTF
Time-to-Full High - Low Byte
Minutes
R
0x17 - 0x16
TTE
Time-to-Empty High - Low Byte
Minutes
R
0x15 - 0x14
AI
Average Current High - Low Byte
3.57 µV(1)
R
0x13 - 0x12
FCAC
Full Compensated Available Capacity High - Low Byte
3.57 µVh(1)
R
0x11 - 0x10
CAC
Compensated Available Capacity High - Low Byte
3.57 µVh(1)
R
0x0F - 0x0E
LMD
Last Measured Discharge High - Low Byte
3.57 µVh(1)
R
0x0D - 0x0C
NAC
Nominal Available Capacity High - Low Byte
3.57 µVh(1)
R
0x0B
RSOC
Relative State-of-Charge
%
R
0x0A
FLAGS
Status Flags
R
0x09 - 0x08
VOLT
Reported Voltage High - Low Byte
mV
R
0x07 - 0x06
TEMP
Reported Temperature High - Low Byte
0.25
°K
R
0x05 - 0x04
ARTTE
At-Rate Time-to-Empty High - Low Byte
Minutes
R
0x03 - 0x02
AR
At-Rate High - Low Byte
3.57 µV(1)
R/W
0x01
MODE
Device Mode Register
R/W
0x00
CTRL
Device Control Register
R/W
(1)
Divide by Rs in milliohms to convert µV to mA or µVh to mAh.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com