Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 18 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 18 Page - Texas Instruments

Back Button 27010 Datasheet HTML 14Page - Texas Instruments 27010 Datasheet HTML 15Page - Texas Instruments 27010 Datasheet HTML 16Page - Texas Instruments 27010 Datasheet HTML 17Page - Texas Instruments 27010 Datasheet HTML 18Page - Texas Instruments 27010 Datasheet HTML 19Page - Texas Instruments 27010 Datasheet HTML 20Page - Texas Instruments 27010 Datasheet HTML 21Page - Texas Instruments 27010 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
www.ti.com
Compensated State-of-Charge (CSOC) — Address 0x2C
Reserved Registers
EEPROM Enable Register (EE_EN) — Address 0x6E
EEPROM Data Registers (EE_DATA) — Address 0x76 — 0x7F
Initial Last Measured Discharge High Byte (ILMD) — Address 0x76
Scaled EDVF Threshold (SEDVF) — Address 0x77
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
CSOC reports the compensated available capacity as a percentage of the last measured discharge value (LMD).
The equation is:
CSOC (%) = 100 * CAC / LMD
The host system has read-only access to this register.
Addresses 0x1E, 0x1F, 0x22-0x25, 0x2D-0x6D and 0x6F-0x75 are reserved and cannot be written by the host.
This register is used to enable host writes to EEPROM data locations (addresses 0x76 — 0x7F). The host must
write data 0xDD to this register to enable EEPROM programming. See the Programming the EEPROM section
for further information on programming the EEPROM bytes. Care should be taken to insure that no value except
0xDD is written to this location. All bqJUNIOR measurements and computations will be inhibited until 0x00 is
written back to address 0x6E.
The EEPROM data registers contain information vital to the performance of the device. These registers are to be
programmed during pack manufacturing to allow flexibility in the design values of the battery to be monitored.
The EEPROM data registers are listed in Table 2. Detailed descriptions of what should be programmed follow.
See the Programming the EEPROM section for detailed information on writing the values to EEPROM.
Table 2. bq27010/bq27210 EEPROM Memory Map
Address
Name
Function
0x7F
TCOMP
Temperature compensation constants, OR, ID#1
0x7E
DCOMP
Discharge rate compensation constants, OR, ID#2
0x7D
GAF/DEDV
Gain Age Factor / EDVI rate compensation
0x7C
PKCFG
Pack configuration values
0x7B
TAPER
Aging estimate enable [7], charge termination taper current [6:0]
0x7A
DMFSD
Digital magnitude filter and self-discharge rate constants
0x79
ISLC/EDVT
Initial standby load current / EDVI temperature compensation
0x78
SEDV1
Scaled EDV1 threshold
0x77
SEDVF
Scaled EDVF threshold
0x76
ILMD
Initial last measured discharge high byte
This register contains the scaled design capacity of the battery to be monitored. ILMD is programmed in units of
914
µVh per bit. The equation to calculate the initial LMD is:
ILMD = Design Capacity (mAh) * RS (mΩ) / (256 * 3.57)
where RS is the value of the sense resistor used in the system. This value is used to initialize the high byte of
LMD on a full reset. The low byte of LMD is initialized to 0.
This register contains the scaled value of the threshold for zero battery capacity. To calculate the value to
program, use the following equation:
SEDVF = Design EDVF (mV) / 8 – 256
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com