Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 22 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 22 Page - Texas Instruments

Back Button 27010 Datasheet HTML 18Page - Texas Instruments 27010 Datasheet HTML 19Page - Texas Instruments 27010 Datasheet HTML 20Page - Texas Instruments 27010 Datasheet HTML 21Page - Texas Instruments 27010 Datasheet HTML 22Page - Texas Instruments 27010 Datasheet HTML 23Page - Texas Instruments 27010 Datasheet HTML 24Page - Texas Instruments 27010 Datasheet HTML 25Page - Texas Instruments 27010 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
www.ti.com
Temperature Compensation Coefficients (TCOMP) – Address 0x7F
Power Modes
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
Discharge Rate Compensation Threshold
DCOFF[2:0]
DCOFF Threshold(1)
0
0
1
(DCGN / 256) * 1C / 8
2
(DCGN / 256) * 2C / 8
3
(DCGN / 256) * 3C / 8
4
(DCGN / 256) * 4C / 8
5
(DCGN / 256) * 5C / 8
6
(DCGN / 256) * 6C / 8
7
(DCGN / 256) * 7C / 8
(1)
C = ILMD * 256
The discharge compensation capacity reduction (DCMP) is a function of discharge rate, temperature, and age
(cycle count). There is no compensation if the DCGN factor increased for age and temperature times AI is less
than the DCOFF threshold (DCMP
≥ 0). The following is the combined equation for the DCMP reduction:
DCMP = AI * (ADCGN / 256) * (1 + TCGN * (273 + TOFF – T) / 32) – DCGN * DCOFF * ILMD / 8
ADCGN = DCGN * (1 + TCGN * (CYCT / 16) * GAF / 32)
If PKCFG[1] = 1, the bqJUNIOR assumes a fixed value of 0x6C for DCOMP, giving a discharge rate
compensation gain of 5.08% with a compensation offset threshold of C/2. This frees the EEPROM location of
0x7E for use as a programmable identification byte. If DCOMP is updated using the UPCOMP host command
(see Device Control section), the value written by the host for DCOMP will be used regardless of the bit 1 value
in PKCFG.
This register is used to set the compensation coefficients for temperature. These coefficients are used to scale
the aged discharge rate compensation for improved accuracy of predicted available capacity at cold
temperatures.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME
TCGN[4]
TCGN[3]
TCGN[2]
TCGN[1]
TCGN[0]
TOFF[2]
TOFF[1]
TOFF[0]
TCGN[4:0]
The temperature compensation gain coefficient is used to scale DCGN when temperature drops
below the T
off threshold. TCGN will increase the ADCGN value in increments of 3.125% (TCGN /
32) for each degree that temperature is below the T
off threshold.
TOFF[2:0]
The temperature compensation offset threshold sets the temperature above which there is no
temperature compensation applied to DCGN. This threshold is also used as the threshold for
application of cold temperature compensation of EDV1 (see GAF/EDVT section) and the threshold
to allow the NAC = LMD capacity adjustment to be made at IMIN detection (see Functional
Description section). The T
off threshold in degrees Celsius is equal to 2 * TOFF.
If PKCFG[0] = 1, the bqJUNIOR assumes a fixed value of 0x46 for TCOMP. This will increase the DCGN factor
by 25% per degree below Toff of 12°C. This frees the EEPROM location of 0x7F for use as a programmable
identification byte. If TCOMP is updated using the UPCOMP host command (see Device Control section), the
value written by the host for TCOMP will be used regardless of the bit 0 value in PKCFG.
The bqJUNIOR has five power modes: Active, Sleep, Ship, Hibernate, and Data Retention (RBI). Figure 5
shows the flow that moves the device between the Active, Sleep, and Ship modes. Hibernate and Data
Retention are special modes not included in the flow. Detailed explanations of each mode follow the diagram in
Figure 5.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com