Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 9 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 27010 Datasheet HTML 5Page - Texas Instruments 27010 Datasheet HTML 6Page - Texas Instruments 27010 Datasheet HTML 7Page - Texas Instruments 27010 Datasheet HTML 8Page - Texas Instruments 27010 Datasheet HTML 9Page - Texas Instruments 27010 Datasheet HTML 10Page - Texas Instruments 27010 Datasheet HTML 11Page - Texas Instruments 27010 Datasheet HTML 12Page - Texas Instruments 27010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
Offset Calibration
Digital Magnitude Filter
Voltage
Temperature
RBI Input
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
FUNCTIONAL DESCRIPTION (continued)
The offset voltage of the DSCC measurement must be very low to be able to measure small signal levels
accurately. The bqJUNIOR provides an auto-calibration feature to cancel the internal voltage offset error across
SRP and SRN for maximum charge measurement accuracy. NO CALIBRATION IS REQUIRED. External
voltage offset error caused by the PCB layout cannot be automatically calibrated out by the gauge, but the
external offset can be determined using a built-in user offset measurement command and can be programmed
into the EEPROM for inclusion in the offset compensation performed by the gauge. See the Layout
Considerations section for details on minimizing PCB induced offset across the SRP and SRN pins.
The bqJUNIOR auto-calibration of the DSCC offset is performed from time-to-time as operating conditions
change, to keep the measurement error small. A Calibration-In-Progress (CALIP) flag is set in FLAGS to indicate
when the operation occurs. Capacity, voltage, and temperature is updated during the 5.12 second offset
calibration time, but other parameters are not updated until the calibration has completed. When there is a full
reset, the gauge makes an initial quick offset calibration and delays the 5.12 second full offset calibration for at
least 40 seconds. This is done to prevent the full 5.12 second calibration operation from interfering with module
test functions that need to be performed immediately after power application during manufacturing test. The
quick offset calibration after a full reset is a 1.28 second offset measurment used as a delay, followed by a 1.28
second offset measurement that is used as the initial offset value. The 1.28 second delay allows VCC to settle
before the initial offset measurement. If manufacturing test does not need the additional VCC settling time or can
use a slightly worse initial offset measurement, the tester may write bit 0 of CTRL (address 0x00) to 1 during the
first 1.28 seconds after the reset and the first offset sample will be used, cutting the initial quick offset calibration
time in half.
The Digital Magnitude Filter (DMF) threshold can be set in EEPROM to indicate a threshold below which any
charge or discharge accumulation is ignored. This allows setting a threshold above the maximum DSCC offset
expected from the IC and PCB combination, so that when no charge or discharge current is present, the
measured capacity change by the bqJUNIOR is zero. Note that even a small offset can add up to a large error
over a long period. In addition to setting the threshold above the largest offset expected, the DMF should be set
below the minimum signal level to be measured. The sense resistor value should be large enough to allow the
minimum current level to provide a signal level substantially higher than the maximum offset voltage.
Conversely, the sense resistor must be small enough to meet the system requirement for insertion loss as well
as keep the maximum voltage across the sense resistor below the 100 mV maximum that the DSCC can
accurately measure.
The DMF threshold is programmed in EEPROM in increments of 4.9 µV. Programming a zero in the DMF value
will disable the DMF function and all non-zero DSCC measurements are counted.
The bqJUNIOR monitors the battery voltage through the BAT pin and reports an offset corrected value through
the internal registers. The bqJUNIOR also monitors the voltage for the end-of-discharge (EDV) thresholds. The
EDV threshold levels are used to determine when the battery has been discharged to 6.25% or empty and
synchronizes the reported capacity to these levels when the programmed EDV thresholds are detected.
The bqJUNIOR uses an integrated temperature sensor to monitor the pack temperature and is reported through
the internal registers. The temperature measurement is used to adjust compensated available capacity and
self-discharge capacity loss.
The Register Backup Current (RBI) input pin is used with an external capacitor to provide backup potential to the
internal registers when VCC drops below V(POR). VCC is output on RBI through an internal FET switch when VCC is
above V(POR), charging the capacitor. If VCC drops below V(POR), the FET switch from VCC is opened and the
capacitor can supply the small data retention current to the internal registers to retain the data content while VCC
is absent. Register data will be maintained as long as the RBI voltage remains above 1.3 V.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com