Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 17 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 17 Page - Texas Instruments

Back Button 27010 Datasheet HTML 13Page - Texas Instruments 27010 Datasheet HTML 14Page - Texas Instruments 27010 Datasheet HTML 15Page - Texas Instruments 27010 Datasheet HTML 16Page - Texas Instruments 27010 Datasheet HTML 17Page - Texas Instruments 27010 Datasheet HTML 18Page - Texas Instruments 27010 Datasheet HTML 19Page - Texas Instruments 27010 Datasheet HTML 20Page - Texas Instruments 27010 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
Time-to-Full Registers (TTFL/TTFH) — Address 0x18/0x19
Standby Current Registers (SIL/SIH) — Address 0x1A/0x1B
Standby Time-to-Empty Registers (STTEL/STTEH) — Address 0x1C/0x1D
Compensated End-of-Discharge Registers (CEDVL/CEDVH) – Address 0x20/0x21
Time-to-Empty at Constant Power Registers (TTECPL/TTECPH) – Address 0x26/0x27
Cycle Count Since Learning Cycle Registers (CYCLL/CYCLH) — Address 0x28/0x29
Cycle Count Total Registers (CYCTL/CYCTH) — Address 0x2A/0x2B
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
This register pair reports calculated time-to-full at the measured charge rate. The time computed at the average
current charge rate is extended by 50% to estimate the effect of the current taper. TTF is reported in minutes.
The equation for TTF is:
TTF = 60 * 1.50 * (LMD-NAC) / AI
The host system has read-only access to this register pair.
This register pair reports measured standby current through the sense resistor. The standby current is an
adaptive measurement. Initially, the register pair reports the standby current programmed in EEPROM and after
spending some time in standby, the register pair reports the measured standby current. The register value is
updated every 5.12 seconds when the measured current is above the DMF threshold and is less than or equal
to 2x the initial programmed standby current value. Each new SI value is computed as follows:
SINEW = (15/16) * SIOLD + (1/16) * AI
This filter function allows the reported standby current to shift towards the actual measured current with a time
constant of approximately 67 seconds. The value is reported with a resolution of 3.57 µV per bit. Use the
following equation to convert the value to mA, where RS is the sense resistor value in milliohms:
Standby Load Current = (256 * SIH + SIL) * (3.57 / RS)
The host system has read-only access to this register pair.
This register pair reports calculated time-to-empty at the measured standby current value. This value is based
on the nominal available charge and the standby current. STTE is reported in minutes. STTE is calculated by:
STTE = 60 * NAC/SI
The host system has read-only access to this register pair.
The EDV1 threshold can be compensated for discharge rate and temperature. The compensated, or computed,
EDV1 threshold is displayed in this register pair. The CEDV display is only updated during discharge. There is a
floor set for the EDV1 threshold. The EDV1 threshold will be the greater of the computed CEDV threshold and
EDVF + 32 mV. CEDV is displayed in millivolts. The host system has read-only access to this register pair.
TTECP is the time-to-empty in minutes with a constant-power load. TTECP is equal to the TTE constant-current
value scaled to reflect a future drop in battery voltage that would cause the load current to increase. The
calculation assumes a linear voltage drop down to EDVF, yielding a conservative (smaller) run-time than
expected.
TTECP = TTE * (VOLT + EDVF) / (2 * VOLT)
The host system has read-only access to this register pair.
CYCL is the cycle count since the last learning cycle. Each count indicates an increment of CYCT since there
was a learning cycle. This register is cleared every time there is a learning cycle. When this count reaches 32, it
forces the CI flag in FLAGS to a 1. The host system has read-only access to this register pair.
CYCT is the cycle count since a full reset. A full reset clears this register. Each count indicates a cumulative
discharge equal to the Design Capacity (256 * ILMD). The host system has read-only access to this register pair.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com