Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 20 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 20 Page - Texas Instruments

Back Button 27010 Datasheet HTML 16Page - Texas Instruments 27010 Datasheet HTML 17Page - Texas Instruments 27010 Datasheet HTML 18Page - Texas Instruments 27010 Datasheet HTML 19Page - Texas Instruments 27010 Datasheet HTML 20Page - Texas Instruments 27010 Datasheet HTML 21Page - Texas Instruments 27010 Datasheet HTML 22Page - Texas Instruments 27010 Datasheet HTML 23Page - Texas Instruments 27010 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
www.ti.com
Taper Current (TAPER) — Address 0x7B
Pack Configuration (PKCFG) — Address 0x7C
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
This register contains the enable bit for the capacity aging estimate and the charge taper current value. The
taper current value, in addition to battery voltage, is used to determine when the battery has reached a full
charge state. The equation for programming the taper current is:
TAPER[6-0] = Design Taper Current (mA) * RS(mΩ) / 228 µV
where RS is the value of the sense resistor used in the system.
TAPER[7] should be set to 1 to enable the automatic aging of the LMD full capacity value when there are no
learning cycles. If this feature is enabled, LMD is reduced by Design Capacity / 1024 every time CYCL
increments by 2 and every time that a cumulative NAC self-discharge estimate reduction of 1.56% has been
made without charging the battery to full. If TAPER[7] is set to 0, there is no LMD reduction with cycle count or
self-discharge.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME
GPIEN
QV1
QV0
BOFF(2)
BOFF(1)
BOFF(0)
DCFIX
TCFIX
GPIEN
Allows the pack manufacturer to set the state of the GPIO pin on initial power up. If the bit is 0, the
GPIEN bit is cleared on reset and the GPIO pin acts as a high-impedance output. If the bit is 1, the
GPIEN bit is set on reset and the GPIO pin acts as an input. The state of the GPIO pin can then be
read through the GPSTAT bit in the MODE register. If PKCFG is updated using the UPCFG host
command (see Device Control section), the updated PKCFG value will not reinitialize GPIEN in the
MODE register.
QV1 & QV0 These bits set the minimum qualification voltage for charge termination. The termination voltage
thresholds are set as listed in Table 3.
Table 3. Charge Termination Voltage Settings
QV1
QV0
Voltage (mV)
0
0
3968
0
1
4016
1
0
4064
1
1
4112
BOFF
These bits are used to store a typical board offset value for the gauge. This value is added to the
internal offset measurement and the total applied as an offset correction for the charge and
discharge coulometric measurements made by the DSCC. This is a 2s-complement signed number
with a value of 2.45 µV per bit.
Table 4. Board Offset Voltage Settings
Board Offset
BOFF(2)
BOFF(1)
BOFF(0)
7.35 µV
0
1
1
4.9 µV
0
1
0
2.45 µV
0
0
1
0
0
0
0
-2.45 µV
1
1
1
-4.9 µV
1
1
0
-7.35 µV
1
0
1
-9.8 µV
1
0
0
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com