Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 23 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 23 Page - Texas Instruments

Back Button 27010 Datasheet HTML 19Page - Texas Instruments 27010 Datasheet HTML 20Page - Texas Instruments 27010 Datasheet HTML 21Page - Texas Instruments 27010 Datasheet HTML 22Page - Texas Instruments 27010 Datasheet HTML 23Page - Texas Instruments 27010 Datasheet HTML 24Page - Texas Instruments 27010 Datasheet HTML 25Page - Texas Instruments 27010 Datasheet HTML 26Page - Texas Instruments 27010 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
www.ti.com
UDG−04101
Active Mode
COM low for 18
seconds?
No
Ship
enabled?
Yes
No
Yes
No
Yes
Ship Mode
COM
pulled high?
Sleep Mode
COM
pulled high?
below DMF
threshold?
43.6 minute
wake?
Yes
Device enters active
mode for 18 seconds
No
Yes
No
No
Yes
VSR
Active Mode
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
Figure 5. Power Mode Flow Chart
During normal operation, the device is in active mode, which corresponds to the highest power consumption.
Normal gas gauging is performed in this mode. If system requirements mandate that bqJUNIOR should not
enter Sleep or Ship modes, then an external pullup resistor from VCC to keep HDQ or CLK and DTA at a logic 1
is required on the bqJUNIOR side of the system. The resistor value chosen should be small enough to force a
logic 1 even with the internal pulldown current and any external ESD protection circuitry loading.
23
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com