Electronic Components Datasheet Search
  English  ▼

X  

27010 Datasheet(PDF) 11 Page - Texas Instruments

Part # 27010
Description  Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

27010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 27010 Datasheet HTML 7Page - Texas Instruments 27010 Datasheet HTML 8Page - Texas Instruments 27010 Datasheet HTML 9Page - Texas Instruments 27010 Datasheet HTML 10Page - Texas Instruments 27010 Datasheet HTML 11Page - Texas Instruments 27010 Datasheet HTML 12Page - Texas Instruments 27010 Datasheet HTML 13Page - Texas Instruments 27010 Datasheet HTML 14Page - Texas Instruments 27010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
UDG−03042
Temperature
Compensation
Self−Discharge
Timer
Discharge
Current
Charge
Current
LastMeasured
Discharge(LMD)
Nominal Available
Charge(NAC)
Qualified
Transfer
LearningCount
Register(LCR)
Temperature,V oltage,
AverageCurrent,
OtherData
Compensated
AvailableCharge
+
+
_
_
INPUTS
COMPUTATIONS
OUTPUTS
Rate, Age,and
Temperature
Compensation
I2CorHDQInterface
+
_
bq27010, bq27210
SLUS707B – APRIL 2006 – REVISED JANUARY 2007
FUNCTIONAL DESCRIPTION (continued)
When the battery is charged to full (NAC = LMD), the valid discharge flag (VDQ) bit in FLAGS will be set. It will
remain set during the subsequent discharge until the learning discharge cycle completes or an event occurs that
disqualifies the learning cycle. When the battery is discharged to the condition where VOLT
≤ EDV1 threshold,
the learning cycle will terminate and LMD will be updated if VDQ is still set. The bqJUNIOR EDV detection is
designed to prevent premature detection of the EDV threshold due to dynamic load variations. EDV detection
has a dynamically adjusted delay of up to 21.5 seconds with CSOC
≥ 6% and down to 3 seconds when CSOC =
0%. To prevent a severe reduction in LMD due to some abnormal situation, the new LMD value is restricted to a
learn-down maximum of DC/8 during any single learning cycle. When the learning cycle completes, LMD is
updated and the capacity inaccurate (CI) bit in FLAGS is cleared. The CI bit will remain cleared unless there is a
full reset (reset with RAM corruption detected) or the cycle count since the last learning cycle (CYCL) reaches a
count of 32.
A learning cycle can be disqualified by any of the following conditions:
1. Cold temperature: Temperature < 0
°C when the EDV1 threshold voltage is reached.
2. Light load: A capacity learning cycle is disqualified if average current is less than or equal to 2 times the
initial standby load when the EDV1 threshold voltage is reached.
3. Excessive charging: Cumulative Charge > 255 NAC counts (910 µVh) during a learning discharge cycle
(alternating discharge/charge/discharge before EDV1 is set).
4. Reset: VDQ is cleared on all resets.
5. Excessive self-discharge: NAC reduction from self-discharge estimate (0.195%) performed 64 times.
6. Self-discharge at termination of learning cycle. If self-discharge estimate causes CAC
≤ DC/16, VDQ is
cleared.
NAC is adjusted by charge and discharge coulometric measurements except when battery full or empty
conditions are detected. NAC = LMD is forced when IMIN = 1 (full detection) unless Temperature
≤
TCOMP[2:0]*2 (
°C). During a discharge with VDQ = 1, CAC is not allowed to drop below DC/16 until EDV1 = 1.
If EDV1 = 1 occurs when CAC > DC/16, CAC = DC/16 will be forced. CAC = 0 is forced if EDVF = 1.
Figure 4. Operational Overview
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com