Electronic Components Datasheet Search
  English  ▼

X  

TAS5036B Datasheet(PDF) 36 Page - Texas Instruments

Part # TAS5036B
Description  Six Channel Digital Audio PWM Precessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036B Datasheet(HTML) 36 Page - Texas Instruments

Back Button TAS5036B Datasheet HTML 32Page - Texas Instruments TAS5036B Datasheet HTML 33Page - Texas Instruments TAS5036B Datasheet HTML 34Page - Texas Instruments TAS5036B Datasheet HTML 35Page - Texas Instruments TAS5036B Datasheet HTML 36Page - Texas Instruments TAS5036B Datasheet HTML 37Page - Texas Instruments TAS5036B Datasheet HTML 38Page - Texas Instruments TAS5036B Datasheet HTML 39Page - Texas Instruments TAS5036B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
System Procedures for Initialization, Changing Data Rates, and Switching Between Master and Slave Modes
30
SLES073—February 2003
TAS5036B
4
System Procedures for Initialization, Changing Data Rates, and
Switching Between Master and Slave Modes
4.1
System Initialization
Reset is used during system initialization to hold the TAS5036B inactive while power (VDD), the master clock
(MCLK_IN), the device control, and the data signals become stable. The recommended initialization
sequence is to hold RESET low for 24 MCLK_IN cycles after VDD has reached 3 V and the other control
signals (MUTE, PDN, M_S, ERR_RCVRY, DBSPD, and CS0) are stable.
Figure 4–1 shows the recommended sequence and timing for the RESET terminal duing system VDD voltage
and MCLK.
MCLK
VDD
3 V
24 MCLK_IN
Cycles
RESET
Figure 4–1. RESET During System Initialization
Within the first 2 ms following the low-to-high transition of the RESET terminal, the serial data interface format
should be set in the serial data interface control register using the I2C serial control interface. If the data rate
setting is other than the setting specificed by the DBSPD terminal, then the data rate should be set using the
DBSPD terminal or I2C interface within 2 ms. following the low-to-high transition of the RESET terminal.
The time available to set the I2C registers following the low-to-high transition of the RESET terminal can be
extended using the ERR_RCVRY terminal. While ERR_RCVRY is low, the TAS5036B outputs are held
inactive. Once the I2C control registers are set, the ERR_RCVRY terminal can be released and the TAS5036B
starts operation. Figure 4–2 shows how the ERR_RCVRY terminal can be used to extend the interval as long
as necessary to set the I2C registers following the low-to-high transition of the RESET terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com