Electronic Components Datasheet Search
  English  ▼

X  

TAS5036B Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5036B
Description  Six Channel Digital Audio PWM Precessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5036B Datasheet HTML 6Page - Texas Instruments TAS5036B Datasheet HTML 7Page - Texas Instruments TAS5036B Datasheet HTML 8Page - Texas Instruments TAS5036B Datasheet HTML 9Page - Texas Instruments TAS5036B Datasheet HTML 10Page - Texas Instruments TAS5036B Datasheet HTML 11Page - Texas Instruments TAS5036B Datasheet HTML 12Page - Texas Instruments TAS5036B Datasheet HTML 13Page - Texas Instruments TAS5036B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Introduction
4
SLES073—February 2003
TAS5036B
1.4
Ordering Information
Texas Instruments
T
AS
Audio Solutions
5036B
PFC
Device Number
Package Type
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC 80-PIN TQFP
(PFC)
0
°C to 70°C
TAS5036BPFC
1.5
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AVDD_OSC
80
P
Analog power supply for internal oscillator cells
AVDD_PLL
4
P
Analog power supply for PLL
AVSS_OSC
77
AO
Analog ground for internal oscillator cells
AVSS_PLL
7
P
Analog ground for PLL
CLIP
25
DO
Digital clipping indicator, active low
CS0
18
DI
I2C serial control chip address select input, active high
DBSPD
24
DI
Sample rate is double speed (88.2 kHz or 96 kHz), active high
DM_SEL1
36
DI
De-emphasis select bit 2, 10 = 48 kHz, 11= undefined (none)
DM_SEL2
35
DI
De-emphasis select bit 1 (0 = none, 01 = 32 kHz, 10 = 44.1 kHz
DVDD
32
P
Digital power supply
DVDD_PWM
57
P
Digital power supply for PWM
DVDD_RCL
59
P
Digital power supply for reclocker
DVSS
33, 76
P
Digital ground for digital core and most of I/O buffers
DVSS1
10, 38, 39
DIO
Digital ground for digital core and most of I/O buffers
DVSS_PWM
56
P
Digital ground for PWM
DVSS_RCL
58
P
Digital ground for reclocker
ERR_RCVRY
13
DI
Error recovery input, active low
LRCLK
31
DIO
Serial audio data left / right clock (sampling rate clock) (input when M_S = 0; output when M_S = 1)
M_S
37
DI
Master/slave mode input signal (master = 1, slave = 0)
MCLK_IN
3
DI
MCLK input, slave mode (or master / double-speed mode)
MCLK_OUT
29
DO
MCLK output buffered system clock output if M_S = 1; otherwise set to 0
MUTE
14
DI
Mute input signal, active low (muted signal = 0, normal mode = 1)
N/C
1, 2, 8, 11,
19–23, 40
Not connected
PDN
15
DI
Power down, active low
PLL_FLT_OUT
5
AO
PLL external filter
PLL_FLT_RET
6
AO
PLL external filter (internally connected to AVSS_PLL)
PWM_AM_1
74
DO
PWM 1 output (differential -); {positive H-bridge side}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com