Electronic Components Datasheet Search
  English  ▼

X  

TAS5036B Datasheet(PDF) 38 Page - Texas Instruments

Part # TAS5036B
Description  Six Channel Digital Audio PWM Precessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036B Datasheet(HTML) 38 Page - Texas Instruments

Back Button TAS5036B Datasheet HTML 34Page - Texas Instruments TAS5036B Datasheet HTML 35Page - Texas Instruments TAS5036B Datasheet HTML 36Page - Texas Instruments TAS5036B Datasheet HTML 37Page - Texas Instruments TAS5036B Datasheet HTML 38Page - Texas Instruments TAS5036B Datasheet HTML 39Page - Texas Instruments TAS5036B Datasheet HTML 40Page - Texas Instruments TAS5036B Datasheet HTML 41Page - Texas Instruments TAS5036B Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
System Procedures for Initialization, Changing Data Rates, and Switching Between Master and Slave Modes
32
SLES073—February 2003
TAS5036B
MCLK
MUTE
Terminal
DBSPD
Terminal
Change from a 96-kHz data rate
MCLK_IN = 24.576 MHz
Clock transition
Change to a 48-kHz data rate
MCLK_IN = 12.288 MHz
Volume ramp
up 42 – 65 ms
> 5 ms
< 2 ms
< 2 ms
Volume ramp
down 42 – 65 ms
Set within 2 ms
of transition
Figure 4–3. Changing the Data Sample Rate Using the DBSPD Terminal
MCLK
MUTE
Terminal
Change from a 96-kHz data rate
MCLK_IN = 24.576 MHz
Clock transition
Change to a 48-kHz data rate
MCLK_IN = 12.288 MHz
Volume ramp
up 42 – 65 ms
> 5 ms
< 2 ms
< 2 ms
Volume ramp
down 42 – 65 ms
Set data rate via I2C
register X02D7 and D6
ERR_RCVRY
Terminal
Hold ERR_RCVRY low
to give additional timeset registers
Figure 4–4. Changing the Data Sample Rate Using the I2C
However, if the master clock input can encounter a high clock or low clock period of less than 20 ns, then
RESET should be applied during this time. There are two recommended control procedures for this case,
depending upon whether the DBSPD terminal or the serial control interface is used. These control sequences
are shown in Figure 4–5 and Figure 4–6.
Because this sequence employs the RESET terminal the internal register settings are set to the default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com