Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 3Page - Richtek Technology Corporation RT3662EB Datasheet HTML 4Page - Richtek Technology Corporation RT3662EB Datasheet HTML 5Page - Richtek Technology Corporation RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
7
SVID [7:0]
Voltage (V)
SVID [7:0]
Voltage (V)
SVID [7:0]
Voltage (V)
SVID [7:0]
Voltage (V)
0010_0101
1.31875
0100_1100
1.07500
0111_0011
0.83125
1001_1010
0.58750
0010_0110
1.31250
0100_1101
1.06875
0111_0100
0.82500
1001_1011
0.58125
1001_1100
0.57500
1011_0101 *
0.41875
1100_1110 *
0.26250
1110_0111*
0.10625
1001_1101
0.56875
1011_0110 *
0.41250
1100_1111 *
0.25625
1110_1000*
0.10000
1001_1110
0.56250
1011_0111 *
0.40625
1101_0000 *
0.25000
1110_1001*
0.09375
1001_1111
0.55625
1011_1000 *
0.40000
1101_0001 *
0.24375
1110_1010*
0.08750
1010_0000
0.55000
1011_1001 *
0.39375
1101_0010 *
0.23750
1110_1011*
0.08125
1010_0001
0.54375
1011_1010 *
0.38750
1101_0011 *
0.23125
1110_1100*
0.07500
1010_0010
0.53750
1011_1011 *
0.38125
1101_0100 *
0.22500
1110_1101*
0.06875
1010_0011
0.53125
1011_1100 *
0.37500
1101_0101 *
0.21875
1110_1110*
0.06250
1010_0100
0.52500
1011_1101 *
0.36875
1101_0110 *
0.21250
1110_1111*
0.05625
1010_0101
0.51875
1011_1110 *
0.36250
1101_0111 *
0.20625
1111_0000*
0.05000
1010_0110
0.51250
1011_1111 *
0.35625
1101_1000 *
0.20000
1111_0001*
0.04375
1010_0111
0.50625
1100_0000 *
0.35000
1101_1001 *
0.19375
1111_0010*
0.03750
1010_1000 *
0.50000
1100_0001 *
0.34375
1101_1010 *
0.18750
1111_0011*
0.03125
1010_1001 *
0.49375
1100_0010 *
0.33750
1101_1011 *
0.18125
1111_0100*
0.02500
1010_1010 *
0.48750
1100_0011 *
0.33125
1101_1100 *
0.17500
1111_0101*
0.01875
1010_1011 *
0.48125
1100_0100 *
0.32500
1101_1101 *
0.16875
1111_0110*
0.01250
1010_1100 *
0.47500
1100_0101 *
0.31875
1101_1110 *
0.16250
1111_0111*
0.00625
1010_1101 *
0.46875
1100_0110 *
0.31250
1101_1111 *
0.15625
1111_1000*
0.00000
1010_1110 *
0.46250
1100_0111 *
0.30625
1110_0000*
0.15000
1111_1001*
OFF
1010_1111 *
0.45625
1100_1000 *
0.30000
1110_0001*
0.14375
1111_1010*
OFF
1011_0000 *
0.45000
1100_1001 *
0.29375
1110_0010*
0.13750
1111_1011*
OFF
1011_0001 *
0.44375
1100_1010 *
0.28750
1110_0011*
0.13125
1111_1100*
OFF
1011_0010 *
0.43750
1100_1011 *
0.28125
1110_0100*
0.12500
1111_1101*
OFF
1011_0011 *
0.43125
1100_1100 *
0.27500
1110_0101*
0.11875
1111_1110*
OFF
1011_0100 *
0.42500
1100_1101 *
0.26875
1110_0110*
0.11250
1111_1111*
OFF
* Indicates TOB is 80mV for this VID code; unconditional VR controller stability required at all VID codes
Table 2. SET1 Pin Setting for VDDC Controller AI Gain Ratio
SET1 Pin Setting Voltage
D
SET1_DIV
UD
R
V
3.2
RR




AI_VDDC
Min
Typical
Max
Unit
8.5
200
391.5
mV
25%
412.5
600
787.5
mV
50%
816.5
1000
1183.5
mV
100%
1220.5
1400
1579.5
mV
0LL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com