Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 4Page - Richtek Technology Corporation RT3662EB Datasheet HTML 5Page - Richtek Technology Corporation RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation RT3662EB Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
8
Table 3. SET1 Pin Setting for VDDC Controller QR Threshold
SET1 Pin Setting Voltage
UD
SET1_IR
UD
RR
V
80
μ
RR




QR Threshold
(GFX)
Min
Typical
Max
Unit
829.28
850
870.72
mV
Disable
1034.64
1050
1065.36
mV
20mV
1137.32
1150
1162.68
mV
25mV
Table 4. TSEN Pin Setting for VDDC Controller Frequency, Initial Offset and PHOCP Setting Ratio
TSEN Pin Setting Voltage
D
TSEN_DIV
UD
R
V
3.2
RR



 Frequency Initial Offset
PHOCP Setting
Ratio (Percentage
of OCP_SPIKE)
Min
Typical
Max
Unit
6.75
25
43.25
mV
300kHz
25mV
150%
57.25
75
92.75
mV
200%
208.75
225
241.25
mV
0mV
150%
259.25
275
290.75
mV
200%
410.75
425
439.25
mV
25mV
150%
461.25
475
488.75
mV
200%
612.75
625
637.25
mV
50mV
150%
663.25
675
686.75
mV
200%
814.75
825
835.25
mV
400kHz
25mV
150%
865.25
875
884.75
mV
200%
1016.75
1025
1033.25
mV
0mV
150%
1067.25
1075
1082.75
mV
200%
1218.75
1225
1231.25
mV
25mV
150%
1269.25
1275
1280.75
mV
200%
1420.75
1425
1429.25
mV
50mV
150%
1471.25
1475
1478.75
mV
200%
PHOCP_TH = OCP_SPIKE × (PHOCP Setting Ratio) / M
(M : Phase Number)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com