Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 16Page - Richtek Technology Corporation RT3662EB Datasheet HTML 17Page - Richtek Technology Corporation RT3662EB Datasheet HTML 18Page - Richtek Technology Corporation RT3662EB Datasheet HTML 19Page - Richtek Technology Corporation RT3662EB Datasheet HTML 20Page - Richtek Technology Corporation RT3662EB Datasheet HTML 21Page - Richtek Technology Corporation RT3662EB Datasheet HTML 22Page - Richtek Technology Corporation RT3662EB Datasheet HTML 23Page - Richtek Technology Corporation RT3662EB Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
20
Power-Down Sequence
If the voltage at the EN pin falls below the enable falling
threshold, the controller is disabled. The voltage at the
PGOOD pin will immediately go low when EN pin signal
goes low, and the VDDC controller executes soft-
shutdown operation. The internal digital circuit ramps
down the reference voltage at the same slew rate as
that of in soft-start, making VDDC output voltage
gradually decrease in CCM. The Boot VID information
stored in the internal register is cleared at POR. This
event forces the RT3662EB to check the SVC and SVD
inputs for a new Boot VID when the EN voltage goes
high again.
PGOOD
The PGOOD is open-drain logic output. It provides the
power good signal when VDDC output voltage is within
the regulation limits and no protection is triggered. The
pin is typically tied to 3.3V or 5V power source through
a pull-high resistor. During shutdown state (EN = low)
and the soft-start period, the PGOOD voltage is pulled
low. After a successful soft-start and VDDC output
voltage is within the regulation limits, the PGOOD is
released high.
The voltage at the PGOOD pin will be pulled low when
any of the following events occurs : over-voltage
protection,
under-voltage
protection,
over-current
protection, and logic low EN voltage.
SVI2 Wire Protocol
The
RT3662EB
complies
with
AMD's
Voltage
Regulator Specification, which defines the Serial VID
Interface 2.0 (SVI2) protocol. With SVI2 protocol, the
processor directly controls the reference voltage level
of each individual controller channel and determines
which controller operates in power saving mode. The
SVI2 interface is a three-wire bus that connects a
single master to one or above slaves. The master
initiates and terminates SVI2 transactions and drives
the clock, SVC, and the data, SVD, during a transaction.
The
slave
drives
the
telemetry,
SVT
during
a
transaction. The AMD processor is always the master.
The voltage regulator controller (RT3662EB) is always
the slave. The RT3662EB receives the SVID code and
acts accordingly. The SVI protocol supports 20MHz
high speed mode I2C, which is based on SVD data
packet. Table 6 shows the SVD data packet. A SVD
packet consists of a “Start” signal, three data bytes
after each byte, and a “Stop” signal. The 8-bit serial
VID codes are listed in Table1. After the RT3662EB
has received the stop sequence, it decodes the
received serial VID code and executes the command.
The controller has the ability to sample and report
voltage and current for the VDDC domains. The
controller reports this telemetry serially over the SVT
wire which is clocked by the processor driven SVC. A
bit TFN at SVD packet along with the VDDC domain
selector bits are used by the processor to change the
telemetry functionality. The telemetry bit definition is
listed in Figure 3. The detailed SVI2 specification is
outlined in the AMD Voltage Regulator and Voltage
Regulator Module (VRM) and Serial VID Interface 2.0
(SVI2) Specification.
Table 6. SVD Data Packet
Bit Time
Description
1 : 5
Always 11000b
6
VDDC domain selector bit, if set then the following two data bytes contain the VID, the PSI
state, and the load-line slope trim and offset trim state for VDDC.
8
Always 0b
10
PSI0_L
11 : 17
VID Code bits [7:1]
19
VID Code bit [0]
20
PSI1_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com