Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation RT3662EB Datasheet HTML 12Page - Richtek Technology Corporation RT3662EB Datasheet HTML 13Page - Richtek Technology Corporation RT3662EB Datasheet HTML 14Page - Richtek Technology Corporation RT3662EB Datasheet HTML 15Page - Richtek Technology Corporation RT3662EB Datasheet HTML 16Page - Richtek Technology Corporation RT3662EB Datasheet HTML 17Page - Richtek Technology Corporation RT3662EB Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
14
Typical Application Circuit
RT3662EB
27
PVCC
5V
14
VCC
To GPU
VIN
BOOT2
UGATE2
PHASE2
LGATE2
ISEN1P
7
FB
4
COMP
3
VIN
BOOT1
UGATE1
PHASE1
LGATE1
LOAD
VVDDC_SENSE
VSS_SENSE
VVDDC
VSEN 21
SVC
16
SVD
17
SVT
18
26
25
24
23
31
30
28
29
TSEN
VREF_PINSET
IMON
13
12
10
9
15
VRHOT_L
PWROK
VVDDIO
32 EN
Enable
VREF
RGND
2
ISEN1N
8
ISEN2P
5
ISEN2N
6
RNTC
RNTC
SET1
11
1
VIN
VIN
VVDDIO
19
VDDIO
5V
20 PGOOD
3.3V
GND
33 (Exposed Pad)
4.7
2.2
μF
Reserved
MLCC : 22
μF x 14
100k/
= 4485
2.2
μF
0
33k
845
13k
1.82k
68k
0
34k
3.9
237
0.47
μF
13.7k
11k
8.45k
4.7k
4.7k
10k
2.2
4.7
1
μF
0.1
μF
39pF
270pF
51k
10k
2.2 0.1μF
10
μF x 2
1
3.3nF
1.5k
0.47
μF
1.3k
10
10
0.1
μF
2.2 0.1μF
10
μF x 2
0.36
μH/1.1m
1
3.3nF
1.5k
0.47
μF
1.3k
0.1
μF
100k/
= 4485
187k
POSCAP : 470
μF/4.5m x 3
0.36
μH/1.1m
1.5k
1.5k
Timing Diagram
UGATEx
LGATEx
tUGATEpdh
tLGATEpdh
1.5V
1.5V
1.5V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com