Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT3662EB Datasheet HTML 1Page - Richtek Technology Corporation RT3662EB Datasheet HTML 2Page - Richtek Technology Corporation RT3662EB Datasheet HTML 3Page - Richtek Technology Corporation RT3662EB Datasheet HTML 4Page - Richtek Technology Corporation RT3662EB Datasheet HTML 5Page - Richtek Technology Corporation RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
1
Single Channel PWM Controller with 2 Integrated Drivers for
AMD SVI2 GPU CORE Power Supply
General Description
The RT3662EB is a single channel PWM controller with
2 integrated drivers, and it is compliant with AMD SVI2
Voltage Regulator Specification to support GPU power
(VDDC). The RT3662EB features CCRCOT (Constant
Current Ripple Constant On-Time) with G-NAVP
(Green-Native AVP), which is Richtek's proprietary
topology. G-NAVP makes it an easy setting controller
to meet all AMD AVP (Adaptive Voltage Positioning)
VDDC requirements. The droop is easily programmed
by setting the DC gain of the error amplifier. With
proper compensation, the load transient response can
achieve optimized AVP performance. The controller
also uses the interface to issue VOTF Complete and to
send digitally encoded voltage and current values for
the VDDC domains. The RT3662EB can operate in
diode emulation mode to enhance the light load
efficiency. And it provides the current gain adjustment
capability by pin setting. The RT3662EB provides
power good indication, thermal indication (VRHOT_L),
and it features complete fault protection functions
including, over current, over voltage and under voltage.
Marking Information
3B=YM
DNN
3B= : Product Code
YMDNN : Date Code
Features
2/1-Phase (VDDC) PWM Controller
2 Embedded MOSFET Drivers
G-NAVPTM Topology
Support Dynamic Load-Line and Zero Load-Line
Diode Emulation Mode at Light Load Condition
SVI2 Interface to Comply with AMD Power
Management Protocol
Adjustable Current Gain Capability
DVID Enhancement
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Build-in ADC for Pin Setting Programming,
Thermal Indication and VOUT, IOUT Reporting
Fast Transient Response
Power Good Indicator
Thermal Indicator (VRHOT_L)
OVP, UVP and UVLO
Over Current Protection
Applications
AMD SVI2 GPU Core Power
Laptop Computer
Simplified Application Circuit
PHASE2
PHASE1
RT3662EB
VRHOT_L
SVD
SVT
To GPU
SVC
MOSFET
VVDDC
MOSFET


Similar Part No. - RT3662EB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
More results

Similar Description - RT3662EB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
October 8, 2009
logo
Richtek Technology Corp...
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
RT8857 RICHTEK-RT8857 Datasheet
412Kb / 26P
4/3/2/1-Phase PWM Controller with Embedded Drivers for CPU Core Power Supply
RT8877C RICHTEK-RT8877C Datasheet
687Kb / 38P
Dual-Output PWM Controller for AMD SVI2 CPU Power Supply
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT3678BE RICHTEK-RT3678BE Datasheet
2Mb / 93P
Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply
March 2023
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com