Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation RT3662EB Datasheet HTML 12Page - Richtek Technology Corporation RT3662EB Datasheet HTML 13Page - Richtek Technology Corporation RT3662EB Datasheet HTML 14Page - Richtek Technology Corporation RT3662EB Datasheet HTML 15Page - Richtek Technology Corporation RT3662EB Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
12
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Low Voltage at PGOOD VPGOOD
IPGOOD = 4mA
0
--
0.2
V
PGOOD Threshold
VTH_PGOOD
Respect to BOOT VID
--
300
--
mV
PGOOD Delay Time
tPGOOD
BOOT VID to PGOOD high
60
110
160
s
Current Report
Maximum Reported Current
(FFh = OCP_SPIKE)
--
100
--
%IDD_
SPIKE
_OCP
Minimum Reported Current
(00h)
--
0
--
%IDD_
SPIKE
_OCP
IDDSPIKE Current Accuracy
--
--
3
%
Voltage Report
Maximum Reported Voltage
(0_00h)
--
3.15
--
V
Minimum Reported Voltage
(1_F8h)
--
0
--
V
Voltage Accuracy
2
--
2
LSB
Switching Time
UGATEx Rise Time
tUGATEr
3nF load
--
8
--
ns
UGATEx Fall Time
tUGATEf
3nF load
--
8
--
ns
LGATEx Rise Time
tLGATEr
3nF load
--
8
--
ns
LGATEx Fall Time
tLGATEf
3nF load
--
4
--
ns
UGATEx Turn-On Propagation
Delay
tUGATEpdh
Output unloaded
--
20
--
ns
LGATEx Turn-On Propagation
Delay
tLGATEpdh
Output unloaded
--
20
--
ns
Output
UGATEx Driver Source
Resistance
RUGATEsr
100mA source current
--
1
--
UGATEx Driver Source
Current
IUGATEsr
VUGATE – VPHASE = 2.5V
--
2
--
A
UGATEx Driver Sink
Resistance
RUGATEsk
100mA sink current
--
1
--
UGATEx Driver Sink Current
IUGATEsk
VUGATE – VPHASE = 2.5V
--
2
--
A
LGATEx Driver Source
Resistance
RLGATEsr
100mA source current
--
1
--
LGATEx Driver Source
Current
ILGATEsr
VLGATE = 2.5V
--
2
--
A
LGATEx Driver Sink
Resistance
RLGATEsk
100mA sink current
--
0.5
--
LGATEx Driver Sink Current
ILGATEsk
VLGATE = 2.5V
--
4
--
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com