Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 5Page - Richtek Technology Corporation RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation RT3662EB Datasheet HTML 12Page - Richtek Technology Corporation RT3662EB Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
9
Absolute Maximum Ratings
(Note 1)
VCC to GND --------------------------------------------------------------------------------------------------------
0.3V to 6.5V
PVCC to GND ------------------------------------------------------------------------------------------------------
0.3V to 6.5V
RGND to GND -----------------------------------------------------------------------------------------------------
0.3V to 0.3V
BOOTx to PHASEx
DC---------------------------------------------------------------------------------------------------------------------
0.3V to 6.8V
< 100ns --------------------------------------------------------------------------------------------------------------
5V to 7.5V
PHASEx to GND
DC---------------------------------------------------------------------------------------------------------------------
0.3V to 32V
< 100ns --------------------------------------------------------------------------------------------------------------
10V to 38V
UGATEx to PHASEx
DC---------------------------------------------------------------------------------------------------------------------
0.3V to 6.8V
< 100ns --------------------------------------------------------------------------------------------------------------
5V to 7.5V
LGATEx to GND
DC---------------------------------------------------------------------------------------------------------------------
0.3V to 6.8V
< 100ns --------------------------------------------------------------------------------------------------------------
2.5V to 7.5V
VIN to GND ---------------------------------------------------------------------------------------------------------
0.3V to 28
Other Pins -----------------------------------------------------------------------------------------------------------
0.3V to 6.8V
Power Dissipation, PD @ TA = 25
C
WQFN-32L 4x4 ----------------------------------------------------------------------------------------------------
3.59W
Package Thermal Resistance
(Note 2)
WQFN-32L 4x4,
JA ----------------------------------------------------------------------------------------------27.8C/W
WQFN-32L 4x4,
JC ----------------------------------------------------------------------------------------------7C/W
Lead Temperature (Soldering, 10 sec.) ----------------------------------------------------------------------
260C
Junction Temperature --------------------------------------------------------------------------------------------150
C
Storage Temperature Range -----------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) -------------------------------------------------------------------------------------
2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VCC ---------------------------------------------------------------------------------------------
4.5V to 5.5V
Supply Voltage, PVCC -------------------------------------------------------------------------------------------
4.5V to 5.5V
Supply Voltage, VIN ----------------------------------------------------------------------------------------------
4.5V to 24V
Junction Temperature Range ----------------------------------------------------------------------------------
40C to 125C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com