Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 14Page - Richtek Technology Corporation RT3662EB Datasheet HTML 15Page - Richtek Technology Corporation RT3662EB Datasheet HTML 16Page - Richtek Technology Corporation RT3662EB Datasheet HTML 17Page - Richtek Technology Corporation RT3662EB Datasheet HTML 18Page - Richtek Technology Corporation RT3662EB Datasheet HTML 19Page - Richtek Technology Corporation RT3662EB Datasheet HTML 20Page - Richtek Technology Corporation RT3662EB Datasheet HTML 21Page - Richtek Technology Corporation RT3662EB Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
18
Application Information
Power Ready (POR) Detection
During start-up, the RT3662EB will detect the voltage
at the voltage input pins : VCC, PVCC and EN. When
VCC > 4.3V and PVCC > 3.85V, the IC will recognize
the power state of system to be ready (POR = high)
and wait for enable command at the EN pin. After POR
= high and VEN > 2V, the IC will enter start-up
sequence for VDDC. If the voltage of VCC and EN pin
drop below low threshold, the IC will enter power down
sequence and all the functions will be disabled.
Normally, connecting system power to the EN pin is
recommended. The SVID will be ready in 2ms (max)
after the chip has been enabled. All the protection
latches (OVP, OCP, UVP) will be cleared only after
POR = low. The condition of VEN = low will not clear
these latches.
EN
+
-
+
-
Chip EN
POR
4.3V
3.85V
2V
VCC
PVCC
CMP
CMP
CMP
+
-
Figure 1. Power Ready (POR) Detection
Boot VID
When EN goes high, VDDC output begin to soft-start to
the Boot VID in CCM. Table 5 shows the Boot VID
setting. The Boot VID is determined by the SVC and
SVD input states at EN rising edge and it is in the
internal register. The digital soft-start circuit ramps up
the reference voltage at a controlled slew rate to
reduce inrush current during start-up. When all the
output voltages are above power good threshold
(300mV below Boot VID) at the end of soft-start, the
controller asserts power good (PGOOD) after a time
delay.
Table 5. 2-Bit Boot VID Code
Initial Startup VID (Boot VID)
SVC
SVD
VDDC Output Voltage (V)
0
0
1.1
0
1
1.0
1
0
0.9
1
1
0.8
Start-Up Sequence
After EN goes high, the RT3662EB starts up and
operates according to the initial settings. Figure 2
shows the simplified sequence timing diagram. The
detailed operation is described in the following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com