Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 6Page - Richtek Technology Corporation RT3662EB Datasheet HTML 7Page - Richtek Technology Corporation RT3662EB Datasheet HTML 8Page - Richtek Technology Corporation RT3662EB Datasheet HTML 9Page - Richtek Technology Corporation RT3662EB Datasheet HTML 10Page - Richtek Technology Corporation RT3662EB Datasheet HTML 11Page - Richtek Technology Corporation RT3662EB Datasheet HTML 12Page - Richtek Technology Corporation RT3662EB Datasheet HTML 13Page - Richtek Technology Corporation RT3662EB Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
10
Electrical Characteristics
(VCC = 5V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
IVCC
EN = 3V, not switching
--
9
15
mA
Shutdown Current
ISHDN
EN = 0V
--
5
--
A
PVCC Supply Voltage
VPVCC
4.5
5
5.5
V
PVCC Supply Current
IPVCC
VBOOTX = 5V, not switching
--
120
--
A
Driver Power On Reset (Driver POR)
Driver POR Threshold
VPOR_r
PVCC POR rising
--
3.85
4.1
V
VPOR_f
PVCC POR falling
3.4
3.65
--
V
Driver POR Hysteresis
VPOR_Hys
100
200
350
mV
Reference and DAC
Reference Voltage Output
VREF
0.795
0.8
0.805
V
DC Accuracy
VFB
VDAC = 1.0000 to 1.5500
(No load, CCM mode)
0.5
0
0.5
%
SVID
VDAC = 0.8000 to 1.0000
5
0
5
mV
VDAC = 0.3000 to 0.8000
8
0
8
mV
VDAC = 0.2500 to 0.3000
80
0
80
mV
Reference and DAC
RGND Current
IRGND
EN = 3V, not switching
--
--
200
A
Slew Rate
Dynamic VID slew rate
SR
SetVID fast
7.5
10
15
mV/
s
Error Amplifier
Input Offset
VEAOFS
4
--
4
mV
DC Gain
ADC
RL = 47k
70
80
--
dB
Gain-Bandwidth Product
GBW
CLOAD = 5pF
--
5
--
MHz
Output Voltage Range
VCOMP
RLOAD = 47k
0.3
--
3.6
V
EA Source/Sink Current
IEA,SRC /
IEA,SNK
--
5
--
mA
Current Sense Amplifier
Input Offset Voltage
VOSCS
0.4
--
0.4
mV
Impedance at Neg. Input
RISENxN
1
--
--
M
Impedance at Pos. Input
RISENxP
1
--
--
M
Input range
VISEN_IN
VDAC = 1.1V,
(ISENxP
ISENxN)
40
--
40
mV
Current sense gain error
AISEN_Err
VDAC = 1.1V
2
--
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com