Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 20Page - Richtek Technology Corporation RT3662EB Datasheet HTML 21Page - Richtek Technology Corporation RT3662EB Datasheet HTML 22Page - Richtek Technology Corporation RT3662EB Datasheet HTML 23Page - Richtek Technology Corporation RT3662EB Datasheet HTML 24Page - Richtek Technology Corporation RT3662EB Datasheet HTML 25Page - Richtek Technology Corporation RT3662EB Datasheet HTML 26Page - Richtek Technology Corporation RT3662EB Datasheet HTML 27Page - Richtek Technology Corporation RT3662EB Datasheet HTML 28Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS3662EB-04
August
2019
www.richtek.com
25
VVDDC_SENSE
-
+
VSS_SENSE
FB
RGND
COMP
C2
C1
R2
EA
R1
VDAC
Figure 9. VDDC Controller : Compensation Circuit
Current Balance
The VDDC controller implements internal current
balance mechanism in the current loop. The VDDC
controller senses and compares per-phase current
signal with average current. If the sensed current of any
particular phase is larger than average current, the
on-time of this phase will be adjusted to be shorter.
Initial and Dynamic Offset
The VDDC controller features initial and dynamic offset
function. The VDDC rail initial offset function can be
implemented through the TSEN pin setting. And the
dynamic offset can be implemented by SVI2 interface, it
controlled by GPU. Consider the offset factor, the VDDC
output voltage described as below :
DYN_OFS
INI_OFS
DROOP
LOAD
DAC
VDDC
V
V
R
I
V
V
(14)
VINI_OFS is the initial offset voltage set by pin setting
function, and the dynamic offset voltage, VDYN_OFS,
controlled by GPU, and it can be set through the SVI2
interface.
Dynamic VID Enhancement
During a dynamic VID event, the charging (dynamic VID
up) or discharging (dynamic VID down) current causes
unwanted load-line effect which degrades the settling
time performance. The RT3662EB will hold the inductor
current to hold the load-line during a dynamic VID event.
The VDDC controller will always enter full-phase
configuration
when
it
receives
dynamic
VID
up
command; If VDDC controller receives dynamic VID
down command, it will hold the operating state.
When the VID CCM down on light loading condition, the
negative inductor current will be produced, and it June
cause the audio noise and phase ring effect. For
improving the problems, the controller set the dynamic
VID down slew rate to 0.625mV/
s, the action will
reduce the negative current and phase ring effect.
Ramp Compensation
G-NAVPTM topology is one type of ripple based control
that has fast transient response. However, ripple based
control usually don't have good noise immunity. The
RT3662EB provides a ramp compensation to increase
noise immunity and reduce jitter at the switching node,
refer to Figure 10 shows the ramp compensation. When
the VDDC controller takes phase shedding operation
and enters diode emulation mode, the internal ramp of
VDDC controller will be modified for the reason of
stability.
VRAMP
VCOMP - VCS
PWM
VO
Noise Margin
With ramp compensation
VCOMP - VCS
PWM
VO
Noise Margin
W/O ramp compensation
VREF
Figure 10. Ramp Compensation
Current Monitoring and Reporting
The VDDC controller provides current monitoring
function via inductor current sensing. In the G-NAVPTM
technology, the output voltage is dependent on output
current, and the current monitoring function is achieved
by this characteristic of output voltage. The equivalent
output current will be sensed from inductor current
sensing and mirrored to the IMON pin. The resistor
connected to the IMON pin determines voltage of the
IMON output.
For Method1 current sensing :
,
IMON
L SUM
L
IMON
V
I
DCR
1.867m R
0.8
(15)
Where IL,SUM is the VDDC output current, DCRL is the
current sense resistance, RIMON is the IMON pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com