Electronic Components Datasheet Search
  English  ▼

X  

RT3662EB Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT3662EB
Description  Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3662EB Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT3662EB Datasheet HTML 18Page - Richtek Technology Corporation RT3662EB Datasheet HTML 19Page - Richtek Technology Corporation RT3662EB Datasheet HTML 20Page - Richtek Technology Corporation RT3662EB Datasheet HTML 21Page - Richtek Technology Corporation RT3662EB Datasheet HTML 22Page - Richtek Technology Corporation RT3662EB Datasheet HTML 23Page - Richtek Technology Corporation RT3662EB Datasheet HTML 24Page - Richtek Technology Corporation RT3662EB Datasheet HTML 25Page - Richtek Technology Corporation RT3662EB Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
RT3662EB
Copyright © 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS3662EB-04
August
2019
22
Table 7. VDDC VR Power State
Full Phase
Number
PSI0_L : PSI1_L
Mode
2
11
2 phase CCM
10
1 phase DEM
01
00
1
11
1 phase CCM
10
1 phase DEM
01
00
Differential Remote Sense Setting
The VDDC controller has differential remote-sense
inputs to eliminate the effects of voltage drops along the
PC board traces, processor internal power routes and
socket contacts. The processor contains on-die sense
pins, including of VDDC_SENSE, and VSS_SENSE.
For VDDC controller, connect FB to VDDC_SENSE with
a resistor to build the negative input path of the error
amplifier, and connect VSS_SENSE to RGND as shown
in Figure 4. The precision reference voltages refer to
RGND for accurate remote sensing.
VSS_SENSE
VDDC_SENSE
RGND
FB
VDDC
Controller
Processor
Figure 4. Differential Remote Sense Connection
SET1 Pin Setting
The RT3662EB provides the SET1 pin for platform
users to set the VDDC controller current gain ratio
(AI_VDDC), QR threshold (QR_TH). Platform designers
should use resistive voltage divider on the pin, refer to
Figure 5. The voltage (VREF) at VREF_PINSET pin will
be pulled up to 3.2V for SET1 pin setting after power
ready (POR), and then the voltage will change and fix to
0.8V with a delay time for normal operation.
The divided voltage at the SET1 pin as below :
D
SET1_DIV
UD
R
V
3.2
RR

(1)
The ADC monitors and decodes the voltage at this pin
only once after power up. After ADC decoding (only
once), a 80
A current (when VCC = 5V) will be
generated at the SET1 pin for pin setting. That is the
voltage at SET1 pin described as below:
UD
SET1_IR
UD
RR
V
80
RR

(2)
From equation (1) and (2) and Table 2 and 3, platform
users can set the above described pin setting functions.
SET1
VREF
RU
RD
80µA
(VCC = 5V)
SET1
Register
ADC
VSET1_DIV
AI_VDDC
QR_TH
VSET1_IR
Figure 5. SET1 Pin Setting
TSEN Pin Setting
The RT3662EB provides the TSEN pin for platform
users to set the pin setting functions, including the
VDDC controller switching frequency (Fsw), Initial offset
and
per-phase
over
current
protection (PHOCP).
Platform designers should use resistive voltage divider
on the pin, refer to Figure 6. The voltage (VREF) at
VREF_PINSET pin will be pulled up to 3.2V for TSEN
pin setting after power ready (POR), and then the
voltage will change and fix to 0.8V with a delay time for
normal operation.
The divided voltage at the TSEN pin described as
below :
_
p2
TSEN DIV
p1
p2
R
V
3.2
RR

(3)
The ADC monitors and decodes the voltage at this pin
only once after power up. After ADC decoding (only
once), a 80
A current (when VCC = 5V) will be
generated at the TSEN pin for thermal indicator and
protection functions.
From equation (3) and Table 4, platform users can set
the above described pin setting functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com