Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 1 Page - Texas Instruments

  CDC906 Datasheet HTML 1Page - Texas Instruments CDC906 Datasheet HTML 2Page - Texas Instruments CDC906 Datasheet HTML 3Page - Texas Instruments CDC906 Datasheet HTML 4Page - Texas Instruments CDC906 Datasheet HTML 5Page - Texas Instruments CDC906 Datasheet HTML 6Page - Texas Instruments CDC906 Datasheet HTML 7Page - Texas Instruments CDC906 Datasheet HTML 8Page - Texas Instruments CDC906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
www.ti.com
FEATURES
APPLICATIONS
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/CLK_SEL
S1
V
CC
GND
CLK_IN0
CLK_IN1
GND
SDATA
SCLOCK
Y5
Y4
V
CCOUT2
GND
Y3
Y2
V
CCOUT1
GND
Y1
Y0
TSSOP 20
Pitch0,65mm
6.6x6.6
V
CC
CDC906
SCAS828 – SEPTEMBER 2006
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
•
3.3-V Device Power Supply
•
High Performance 2:6 PLL based Clock
•
Commercial Temperature Range 0
°C to 70°C
Synthesizer / Multiplier / Divider
•
Development and Programming Kit for Easy
•
User Programmable PLL Frequencies
PLL Design and Programming
(TI Pro-Clock™)
•
Easy In-Circuit Programming via SMBus Data
Interface
•
Packaged in 20-Pin TSSOP
•
Wide PLL Divider Ratio Allows 0-PPM Output
•
Factory Programmable for Customized
Clock Error
Default Settings are Available. Contact TI
Sales Fordes for Further Details.
•
Generates Precise Video (27 MHz or 54 MHz)
and Audio System Clocks from Multiple
Sampling Frequencies (fS = 16, 22.05, 24, 32,
•
Digital TV
44.1, 48, 96 kHz)
•
Printer / Scanner
•
Clock Inputs Accept a Crystal or a
•
Set Top Box
Single-Ended LVCMOS or a Differential Input
Signal
•
Video / Audio
•
Accepts Crystal Frequencies from 8 MHz up
to 54 MHz
•
Accepts LVCMOS or Differential Input
PW PACKAGE
(TOP VIEW)
Frequencies up to 167 MHz
•
Two Programmable Control Inputs [S0/S1] for
User Defined Control Signals
•
Six LVCMOS Outputs with Output
Frequencies up to 167 MHz
•
LVCMOS Outputs can be Programmed for
Complementary Signals
•
Free Selectable Output Frequency via
Programmable Output Switching Matrix [6x6]
Including 7-Bit Post-Divider for Each Output
•
PLL Loop Filter Components Integrated
•
Low Period Jitter (Typical 60 ps)
•
Features Spread Spectrum Clocking (SSC)
for Lowering System EMI
•
Programmable Center Spread SSC
Modulation (
±0.1%, ±0.25%, and ±0.4%) with a
Mean Phase Equal to the Phase of the
Non-Modulated Frequency
•
Programmable Down Spread SSC Modulation
(1%, 1.5%, 2%, and 3%)
•
Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
•
Separate Power Supplies for Outputs
(2.3 V to 3.6 V) Supports Mixed Power
Supply Environments
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pro-Clock is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDC906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC906 TI2-CDC906 Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
CDC906PW TI2-CDC906PW Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
CDC906PW.B TI2-CDC906PW.B Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
CDC906PWG4 TI2-CDC906PWG4 Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
CDC906PWR TI2-CDC906PWR Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
More results

Similar Description - CDC906

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com