Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 15Page - Texas Instruments CDC906 Datasheet HTML 16Page - Texas Instruments CDC906 Datasheet HTML 17Page - Texas Instruments CDC906 Datasheet HTML 18Page - Texas Instruments CDC906 Datasheet HTML 19Page - Texas Instruments CDC906 Datasheet HTML 20Page - Texas Instruments CDC906 Datasheet HTML 21Page - Texas Instruments CDC906 Datasheet HTML 22Page - Texas Instruments CDC906 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
www.ti.com
CDC906
SCAS828 – SEPTEMBER 2006
Byte 25, Bit [3:0]: SSC Modulation Frequency Selection in the Range of 30 kHz 60 kHz(1)
fvco [MHz]
Modulation
FSSC3
FSSC2
FSSC1
FSSC0
Default(2)
Factor
100
110
120
130
140
150
160
167
0
0
0
0
5680
17.6
19.4
21.1
22.9
24.6
26.4
28.2
29.4
0
0
0
1
5412
18.5
20.3
22.2
24.0
25.9
27.7
29.6
30.9
0
0
1
0
5144
19.4
21.4
23.3
25.3
27.2
29.2
31.1
32.5
0
0
1
1
4876
20.5
22.6
24.6
26.7
28.7
30.8
32.8
34.2
0
1
0
0
4608
21.7
23.9
26.0
28.2
30.4
32.6
34.7
36.2
0
1
0
1
4340
23.0
25.3
27.6
30.0
32.3
34.6
36.9
38.5
0
1
1
0
4072
24.6
27.0
29.5
31.9
34.4
36.8
39.3
41.0
0
1
1
1
3804
26.3
28.9
31.5
34.2
36.8
39.4
42.1
43.9
fmod
[kHz]
1
0
0
0
3536
28.3
31.1
33.9
36.8
39.6
42.4
45.2
47.2
1
0
0
1
3286
30.4
33.5
36.5
39.6
42.6
45.6
48.7
50.8
Yes
1
0
1
0
3000
33.3
36.7
40.0
43.3
46.7
50.0
53.3
55.7
1
0
1
1
2732
36.6
40.3
43.9
47.6
51.2
54.9
58.6
61.1
1
1
0
0
2464
40.6
44.6
48.7
52.8
56.8
60.9
64.9
67.8
1
1
0
1
2196
45.5
50.1
54.6
59.2
63.8
68.3
72.9
76.0
1
1
1
0
1928
51.9
57.1
62.2
67.4
72.6
77.8
83.0
86.6
1
1
1
1
1660
60.2
66.3
72.3
78.3
84.3
90.4
96.4
100.6
(1)
The PLL has to be bypassed (turned off) when changing SSC Modulation Frequency Factor on-the-fly. This can be done by following
programming sequence: bypass PLL2 (Byte 3, Bit 6 = 1); write new Modulation Factor (Byte 25); re-activate PLL2 (Byte 3, Bit 6 = 0).
(2)
Unless customer specific setting.
Byte 25, Bit [6:4]: SSC Modulation Amount (1)
SSC2
SSC1
SSC0
Function
Default(2)
0
0
0
SSC Modulation Amount 0% = SSC bypass for PLL(3)
Yes
0
0
1
SSC Modulation Amount ±0.1% (center spread)
0
1
0
SSC Modulation Amount ±0.25% (center spread)
0
1
1
SSC Modulation Amount ±0.4% (center spread)
1
0
0
SSC Modulation Amount 1% (down spread)
1
0
1
SSC Modulation Amount 1.5% (down spread)
1
1
0
SSC Modulation Amount 2% (down spread)
1
1
1
SSC Modulation Amount 3% (down spread)
(1)
The PLL has to be bypassed (turned off) when changing SSC Modulation Amount on-the-fly. This can be done by following
programming sequence: bypass PLL2 (Byte 3, Bit 6 = 1); write new Modulation Amount (Byte 25); re-activate PLL2 (Byte 3, Bit 6 = 0).
(2)
Unless customer specific setting.
(3)
If SSC bypass is selected, SSC circuitry of PLL2 is powered-down and the SSC output is reset to logic low. The non-SSC output of
PLL2 is not affected by this mode and can still be used.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com