Electronic Components Datasheet Search
  English  ▼

X  

CDC906 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC906 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 25Page - Texas Instruments CDC906 Datasheet HTML 26Page - Texas Instruments CDC906 Datasheet HTML 27Page - Texas Instruments CDC906 Datasheet HTML 28Page - Texas Instruments CDC906 Datasheet HTML 29Page - Texas Instruments CDC906 Datasheet HTML 30Page - Texas Instruments CDC906 Datasheet HTML 31Page - Texas Instruments CDC906 Datasheet HTML 32Page - Texas Instruments CDC906 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
www.ti.com
5x6 − Switch A
Input CLK
(PLL Bypass)
PLL 1
PLL 2
non SSC
PLL 2
w/ SSC
PLL 3
6x6 − Switch B
7-Bit Divider
Y0
Y1
Y2
Y3
Y4
Y5
Output Switch Matrix
P0
(1..127)
P2
(1..127)
P3
(1..127)
P4
(1..127)
P5
(1..127)
Programming
Outputs
Internal Clock Sources
PLL/Input_Clk
Selection
P-Divider
Selection
Output Selection:
Active/Low/3-State/
Inverting/Non-Inverting
P-Divider
Setting
P1
(1..127)
Slew Rate/VCCOUT
LVCMOS Output Configuration
Inverting
Slew Rate
Low Select
Enable/Disable
Clock
div by 3
Buffer
Sel
M
U
X
P−div(0) output
P−div(1) output
P−div(2) output
P−div(3) output
P−div(4) output
P−div(5) output
Yx
S1
Inversion Select
Slew-Rate Control
Low Select
Enable/Disable
P−Divider Select
(Optional all
outputs low
or 3−State)
VCCOUT1/VCCOUT2
CDC906
SCAS828 – SEPTEMBER 2006
Figure 24. CDC906 Output Switch Matrix
In addition, the outputs can be switched active, low or 3-state and/or 180 degree phase shifted. Also the outputs
slew-rate and the output-voltage is user selectable.
The output stage of the CDC906 supports all common output setting, such as enable, disable, low-state and
signal inversion (180 degree phase shift). It further features slew-rate control (0.6 ns to 3.3 ns) and variable
output supply voltage (2.3 V to 3.6 V).
Figure 25. Block Diagram of Output Architecture
Figure 26. Example for Output Waveforms
All output settings are programmable via SMBus:
•
enable, disable, low-state via external control pins S0 and S1
→ Byte 10, Bit[3:0]
•
enable or disable-to-low
→ Byte 19 to 24, Bit[3]
•
inverting/non-inverting
→ Byte 19 to 24, Bit[6]
•
slew-rate control
→ Byte 19 to 24, Bit[5:4]
•
output swing
→ external pins V
CCOUT1 (Pin 14) and VCCOUT2 (Pin 18)
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com